Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22934 Datasheet(PDF) 40 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 40 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 36Page - Greenlee Communications 22934 Datasheet HTML 37Page - Greenlee Communications 22934 Datasheet HTML 38Page - Greenlee Communications 22934 Datasheet HTML 39Page - Greenlee Communications 22934 Datasheet HTML 40Page - Greenlee Communications 22934 Datasheet HTML 41Page - Greenlee Communications 22934 Datasheet HTML 42Page - Greenlee Communications 22934 Datasheet HTML 43Page - Greenlee Communications 22934 Datasheet HTML 44Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
180
Pro Wire Strippers
• Extra long cushioned handles add comfort and reduce hand fatigue.
Models 1955 and 1956 feature ergonomically designed, cushioned
non-slip handles for superior comfort.
• Pliers nose for working with small nuts and pulling wire.
• Strips both solid and stranded wire.
• Machined stripping stations with a positive stop provide precise stripping
diameters.
• Long curved cutter blades reduce force required by 25% and can cut NM
in single cut.
• Hole in jaws for looping wires.
• Opening stop prevents spring from disengaging.
• Lock tab protects cutting edges during storage.
• Easy-to-read graphics.
• Cuts screws.
SPECIFICATIONS
Strips
1950 & 1955 – 10-18 AWG solid, 12-20 AWG stranded;
1951 – 22-32 AWG solid, 20-30 AWG stranded
1956 – 8-16 AWG solid, 10-18 AWG stranded
Cuts
#6-32 and #8-32 screws
Length
1950 & 1951 – 7-1/4" (184 mm); 1955 & 1956 – 7-3/8" (187 mm)
1950
1951
1955
1956
CAT. NO.
UPC NO.
DESCRIPTION
1950
06852
Pro Stripper 10-18 AWG
1951
06853
Pro Stripper 22-32 AWG
1955
06857
Pro Plus Stripper 10-18 AWG
1956
10300
Pro Plus Stripper 8-16 AWG
Kwik Stripper™ Wire Stripper
• 28-10 AWG (.08-6mm2) stripping capacity.
• 12 AWG (4 mm2) solid, 10 AWG (6 mm2) stranded capacity.
• Strips and cuts flat and round cable.
• Self-adjusts to different wire gauges.
• Laminated steel blades minimize the risk of nicking conductors.
• Front entry jaws have an adjustable strip length guide.
• Lightweight reinforced nylon is chemical and corrosion resistant.
CAT. NO.
UPC NO.
DESCRIPTION
45000
45000
Kwik Stripper™ Wire Stripper
The Terminators® Automatic Wire Stripper
• Production grade wire stripper strips insulation from most smaller
gauge wire.
• Strips up to 7/8" (22.2 mm) length.
• Strips PVC and THHN insulation.
• For use with solid and stranded wire.
CAT. NO.
UPC NO.
DESCRIPTION
1935
37600
The Terminators® Automatic Wire Stripper
SPECIFICATIONS
Capacity
20 - 10 AWG (.5 mm2 - 6 mm2) with PVC or THHN insulation
Weight
.7 lb. (300 g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com