Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN358P Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN358P
Description  P−CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN358P Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN358P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics
0
2
4
6
8
10
01234
Qg, GATE CHARGE (nC)
I
D = -1.5A
VDS = -5V
-10V
-15V
0
50
100
150
200
250
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
RθJA = 270
oC/W
T
A = 25
oC
10ms
1ms
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
T
A = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 270 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
Rev:2023A2
4
FDN358
P−CHANNEL MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com