Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359BN Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN359BN
Description  N-Channel 30 V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN359BN Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN359BN Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359BN Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359BN Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359BN Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359BN Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN359BN Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Characteristics
0
3
6
9
12
15
00.511.522.5
VDS, DRAIN-SOURCE VOLTAGE (V)
3.5V
4.0V
VGS = 10V
3.0V
2.5V
4.5V
0.6
1
1.4
1.8
2.2
2.6
03
69
12
15
ID, DRAIN CURRENT (A)
VGS = 3.0V
6.0
5.0V
4.5V
4.0V
3.5V
10.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 2.7A
VGS = 10V
0.02
0.04
0.06
0.08
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 1.35A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
11.52
2.533.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
Rev:2023A2
4
N-Channel 30 V (D-S) MOSFET
FDN359B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com