Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112BIDRLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 4Page - Texas Instruments TMP112BIDRLR Datasheet HTML 5Page - Texas Instruments TMP112BIDRLR Datasheet HTML 6Page - Texas Instruments TMP112BIDRLR Datasheet HTML 7Page - Texas Instruments TMP112BIDRLR Datasheet HTML 8Page - Texas Instruments TMP112BIDRLR Datasheet HTML 9Page - Texas Instruments TMP112BIDRLR Datasheet HTML 10Page - Texas Instruments TMP112BIDRLR Datasheet HTML 11Page - Texas Instruments TMP112BIDRLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
6.6 Timing Requirements
See the Two-Wire Timing Diagrams section for timing diagrams.
FAST MODE
FAST MODE PLUS
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
TMP112A/B/N
0.001
0.4
TBD
TBD
0.001
2.85
MHz
TMP112Dx
0.001
0.4
0.001
1
TBD
TBD
t(BUF)
Bus-free time between
STOP and START
conditions
600
–
500
160
–
ns
t(HDSTA)
Hold time after repeated
START condition.
After this period, the first
clock is generated.
600
–
260
160
–
ns
t(SUSTA)
Repeated START condition
setup time
600
–
260
160
–
ns
t(SUSTO) STOP condition setup time
600
–
260
160
–
ns
t(HDDAT) Data hold time
100
900
12
150
25
105
ns
t(SUDAT) Data setup time
100
–
50
25
–
ns
t(LOW)
SCL clock low period
V+
1300
–
500
210
–
ns
t(HIGH)
SCL clock high period
600
–
260
60
–
ns
tFD
Data fall time
–
300
120
–
80
ns
tRD
Data rise time
–
300
–
120
–
–
ns
SCLK ≤ 100 kHz
–
1000
–
-
–
–
ns
tFC
Clock fall time
–
300
–
120
–
40
ns
tRC
Clock rise time
–
300
–
120
–
40
ns
6.7 Timing Diagrams
SCL
SDA
t
(LOW)
t
RC
t
FC
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
t
RD
t
FD
Figure 6-1. Two-Wire Timing Diagram
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com