Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-SERIES Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SC-SERIES
Description  MIS Chip Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SC-SERIES Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SC-SERIES Datasheet HTML 1Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 2Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 3Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 4Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET
• SC SERIES: MIS CHIP CAPACITORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200136G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 25, 2011
3
Figure 1. Typical Insertion Loss vs Frequency
(50
Ω System)
Table 3. MIS Capacitor Part Numbers
Part Number
Capacitance, ±20%
(pF)
Pad/Chip
Dimensions
(Mils ±1 Mil)
Part Number
Capacitance, ±20%
(pF)
Pad/Chip
Dimensions
(Mils ±1 Mil)
SC00080912
0.8
9/12
SC01001518
10
15/18
SC00120912
1.2
9/12
SCO1500912
15
9/12
SC00180912
1.8
9/12
SC01501518
15
15/18
SC00260912
2.6
9/12
SC02201518
22
15/18
SC00380912
3.8
9/12
SC03301518
33
15/18
SC00560912
5.6
9/12
SCO4701518
47
15/18
SC00680912
6.8
9/12
SC06801518
68
15/18
SC00820710
8.2
7/10
SC10002430
100
24/30
SC00821518
8.2
15/18
SC33303440
333
34/40
SC01000710
10.0
7/10
SC50004450
500
44/50
SC01000912
10.0
9/12
SC99906068
1000
60/68
Note: Part # structure: SCXXXXYYZZ:
SC = Silicon Conductor
XXXX = Capacitance (pF)
YY = Square contact size (mils), also see Figure 3
ZZ = Square chip size (mils), also see Figure 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com