Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1204PFS1 Datasheet(PDF) 5 Page - Sunon Fans

Part # KD1204PFS1
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD1204PFS1 Datasheet(HTML) 5 Page - Sunon Fans

  KD1204PFS1 Datasheet HTML 1Page - Sunon Fans KD1204PFS1 Datasheet HTML 2Page - Sunon Fans KD1204PFS1 Datasheet HTML 3Page - Sunon Fans KD1204PFS1 Datasheet HTML 4Page - Sunon Fans KD1204PFS1 Datasheet HTML 5Page - Sunon Fans KD1204PFS1 Datasheet HTML 6Page - Sunon Fans KD1204PFS1 Datasheet HTML 7Page - Sunon Fans KD1204PFS1 Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bearing
Sleeve
BALL
2BALL
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
60x60x15mm (12v)
H
H
H
H
H
H
1.8
1.1
0.7
1.8
1.1
0.7
0.15
0.09
0.06
0.15
0.09
0.06
37.5
31.5
26
36
31
25
39
39
39
39
39
39
21
18
15
21
18
15
4300
3800
3000
4300
3800
3000
12
12
12
12
12
12
0.18
0.14
0.12
0.18
0.14
0.12
KD1206PHB1
KD1206PHB2
KD1206PHB3
KD1206PHS1
KD1206PHS2
KD1206PHS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
60x60x20 mm
12
12
12
12
12
12
12
12
24
24
13.(2)
13.(2)
13.(2)
13.(2)
13
13
13
13
0.21
0.16
0.10
0.08
0.21
0.16
0.10
0.08
0.07
0.05
2.5
1.9
1.2
1.0
2.5
1.9
1.2
1.0
1.7
1.7
1.2
5100
4500
3700
3100
5100
4500
3700
3100
4200
3500
28
25
21
17
28
25
21
17
19
16
0.28
0.21
0.15
0.10
0.28
0.21
0.15
0.10
0.15
0.13
40
35.5
31
26
39
34.5
29
24
32
27
55
55
55
55
55
55
55
55
45
45
45
KD1206PKBX
KD1206PKB1
KD1206PKB2
KD1206PKB3
KD1206PKSX
KD1206PKS1
KD1206PKS2
KD1206PKS
3
KD2406PKB2
KD2406PKB3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
13.(2)
13.(2)
13.(2)
13.(2)
13.(2)
13
13
13
13
13
13.(2)
13.(2)
13.(2)
13
13
13
1.6
1.2
1.7
1.2
2.6
1.9
1.4
2.6
1.9
1.4
1.8
1.4
1.1
1.0
0.8
1.9
1.6
1.2
1.1
0.8
0.32
0.23
0.33
0.23
0.11
0.08
0.06
0.11
0.08
0.06
0.15
0.12
0.09
0.08
0.07
0.16
0.13
0.10
0.09
0.07
31.3
27
31
26.7
34.3
31.3
27
34
31
26.7
36
33
28
26
22
35
32
27
25
20
60
60
60
60
60
60
60
60
60
60
73
73
73
73
73
73
73
73
73
73
18
16.2
17.6
15.9
22.1
18
16.2
21.7
17.6
15.9
26.5
23.5
20.5
18
15.5
26
23
20
17
15
4300
3600
3800
3300
5100
4300
3600
4500
3800
3300
5100
4500
3900
3500
3100
5000
4400
3800
3400
3000
5
5
5
5
24
24
24
24
24
24
12
12
12
12
12
12
12
12
12
12
0.16
0.11
0.15
0.10
0.22
0.16
0.11
0.20
0.15
0.10
0.30
0.24
0.18
0.15
0.12
0.30
0.24
0.17
0.14
0.11
KD0506PTB2
KD0506PTB3
KD0506PTS2
KD0506PTS3
KD2406PTB1
KD2406PTB2
KD2406PTB3
KD2406PTS1
KD2406PTS2
KD2406PTS3
KD1206PTBX
KD1206PTB1
KD1206PTB2
KD1206PTB3
KD1206PTB4
KD1206PTSX
KD1206PTS1
KD1206PTS2
KD1206PTS3
KD1206PTS4
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
60x60x25 mm
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
2.9
2.0
1.3
2.9
2.0
1.3
0.24
0.17
0.11
0.24
0.17
0.11
37
33
29
36
32
28
45
45
45
45
45
45
35
30
24
35
30
24
3800
3350
2650
3800
3350
2650
12
12
12
12
12
12
0.15
0.11
0.08
0.15
0.11
0.08
KD1207PHB1
KD1207PHB2
KD1207PHB3
KD1207PHS1
KD1207PHS2
KD1207PHS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
70x70x15 mm
SUNON
Sunon General DC Brushless Fan
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com