Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1513402 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 1513402
Description  SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1513402 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 1513402 Datasheet HTML 11Page - PHOENIX CONTACT 1513402 Datasheet HTML 12Page - PHOENIX CONTACT 1513402 Datasheet HTML 13Page - PHOENIX CONTACT 1513402 Datasheet HTML 14Page - PHOENIX CONTACT 1513402 Datasheet HTML 15Page - PHOENIX CONTACT 1513402 Datasheet HTML 16Page - PHOENIX CONTACT 1513402 Datasheet HTML 17Page - PHOENIX CONTACT 1513402 Datasheet HTML 18Page - PHOENIX CONTACT 1513402 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
WIREFOX SAC - Stripping tool
1212623
https://www.phoenixcontact.com/us/products/1212623
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR
and PVC insulation, from Ø of 4.4 to 7 mm, any stripping length
WIREFOX 10 - Stripping tool
1212150
https://www.phoenixcontact.com/us/products/1212150
Stripping tool, for cables and conductors from 0.02 - 10 mm2, self-adjusting,
stripping length of up to 18 mm, cutting capacity of up to 10 mm2 stranded/1.5
mm2 solid, replaceable stripping blade
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
1513402
https://www.phoenixcontact.com/us/products/1513402
May 28, 2024, 1:27 AM
Page 19 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com