Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMD2
Description  NPN/PNP resistor-equipped transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMD2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMD2 Datasheet HTML 1Page - NXP Semiconductors PUMD2 Datasheet HTML 2Page - NXP Semiconductors PUMD2 Datasheet HTML 3Page - NXP Semiconductors PUMD2 Datasheet HTML 4Page - NXP Semiconductors PUMD2 Datasheet HTML 5Page - NXP Semiconductors PUMD2 Datasheet HTML 6Page - NXP Semiconductors PUMD2 Datasheet HTML 7Page - NXP Semiconductors PUMD2 Datasheet HTML 8Page - NXP Semiconductors PUMD2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Aug 10
1999 May 21
DISCRETE SEMICONDUCTORS
PUMD2
NPN/PNP resistor-equipped
transistors
book, halfpage
MBD128


Similar Part No. - PUMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD2 PHILIPS-PUMD2 Datasheet
71Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2004 Apr 21
PUMD2 PHILIPS-PUMD2 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
logo
Nexperia B.V. All right...
PUMD2 NEXPERIA-PUMD2 Datasheet
919Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
PUMD2 NEXPERIA-PUMD2 Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
More results

Similar Description - PUMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
NPN/PNP resistor-equipped transistors
2001 Nov 07
PUMD10 PHILIPS-PUMD10 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 20
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 20
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PEMD17 PHILIPS-PEMD17 Datasheet
69Kb / 12P
NPN/PNP resistor-equipped transistors
Rev. 03-24 January 2005
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
NPN/PNP resistor-equipped transistors;
PEMD18 NEXPERIA-PEMD18 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com