Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33976 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33976
Description  Dual Gauge Driver with Configurable esponse Time
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33976 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33976_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33976_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33976
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SO Communication
When the CS pin is pulled low, the internal status register,
as configured with the PECCR command bits PE11:PE8, is
loaded into the output register and the data is clocked out
MSB (OD15) first. Following a CS transition 0 to 1, the device
determines if the shifted-in message was of a valid length (a
valid message length is one that is greater than 0 bits and a
multiple of 16 bits) and, if so, latches the incoming data into
the appropriate registers.
At this time, the SO pin is tri-stated and the status register
is now able to accept new status information. Fault status
information will be latched and held until the Device Status
Output register is selected and it is clocked out via the SO. If
the message length was determined to be invalid, the fault
information will not be cleared and will be transmitted again
during the next valid SPI message. Pointer status information
bits (e.g., pointer position, velocity, and commanded position
status) will always reflect the real time state of the pointer.
Any bits clocked out of the SO pin after the first 16 are
representative of the initial message bits clocked into the SI
pin since the CS pin first transitioned to a logic [0]. This
feature is useful for daisy-chaining devices as well as
message verification.
As described above, the last valid write to bits PE11:PE8
of the PECCR command determines the nature of the status
data that is clocked out of the SO pin.
There are five different types of status information
available:
1. Device Status (refer to Table 20, page 21)
2. RTZ Accumulator Status (refer to Table 22, page 23)
3. Gauge 0 Pointer Position Status (refer to Table 24,
page 24)
4. Gauge 1 Pointer Position Status (refer to Table 26,
page 24)
5. Gauge 1 and 2 Pointer Velocity Status (refer to
Table 28, page 24)
Once a specific status type is selected, it will not change
until either the PECCR command bits PE11:PE8 (D11:D8)
are written to select another or the device is reset. Each of the
Status types and the PECCR bit necessary to select them are
described in the following paragraphs.
Device Status Information
Most recent valid PECCR command resulting in the
Device Status output:
The bits in Table 20 are read-only bits.
DIR1 (OD15)—This bit indicates the direction Gauge 1
pointer is moving.
• 0 = Toward position 0
• 1 = Away from position 0
DIR0 (OD14)—This bit indicates the direction Gauge 0
pointer is moving.
• 0 = Toward position 0
• 1 = Away from position 0
Table 18. Truncated Velocity Steps
RS3
RS2
RS1
RS0
Zero Velocity
Position # (RS)
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
7
1
0
0
0
8
1
0
0
1
9
1
0
1
0
10
1
0
1
1
11
1
1
0
0
12
1
1
0
1
13
1
1
1
0
14
1
1
1
1
15
Table 19.
D11
D10
D9
D8
0
x
x
x
x = Don’t care.
Table 20. Device Status Output Register
Bits
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Read
DIR1
DIR0
0POS1 0POS0 CMD1 CMD0
OV
UV
CAL
OVUV MOV1 MOV0
RTZ1
RTZ0
OT1
OT0
Write
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com