Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33977 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33977
Description  Single Gauge Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33977 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33977 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33977
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
This section provides a description of the 33977 SPI
behavior. To follow the explanation below, please refer to
Table 7 and to the timing diagrams illustrated in Figure 11
and Figure 12.
Figure 11. Single 16-Bit Word SPI Communication
Figure 12. Multiple 16-Bit Word SPI Communication
DATA INPUT
The Input Shift register captures data at the falling edge of
the SCLK. The SCLK pulses exactly 16 times only inside the
transmission windows (CS in a Logic [1] state). By the time
the CS signal goes to Logic [1] again, the contents of the
Input Shift register are transferred to the appropriate internal
register addressed in bits 15:13. The minimum time CS
should be kept high depends on the internal clock speed,
specified in the SPI Interface Timing section of the [Static
replaced with Dynamic - correcting table location] Dynamic
Electrical Characteristics, Table 4. It must be long enough so
the internal clock is able to capture the data from the Input
Shift register and transfer it to the internal registers.
DATA OUTPUT
At the first rising edge of the SCLK [clock deleted to
eliminate redundancy], with CS at Logic [1], the contents of
the selected Status Word register are transferred to the
Output Shift register. The first 16 bits clocked out are the
status bits. If data continues to clock in before the CS
transitions to Logic [1], the device begins to shift out the data
previously clocked in FIFO after the CS first transitioned to
Logic[1].
COMMUNICATION MEMORY MAPS AND
REGISTER DESCRIPTIONS
The 33977 device is capable of interfacing directly with a
microcontroller via the 16-bit SPI protocol specified below.
Table 7. Data Transfer Timing
Pin
Description
CS (1-to-0)
SO pin is enabled
CS (0-to-1)
33977 configuration and desired output states are transferred and executed according to the data in the Shift registers
SO
Will change state on the rising edge of the SCLK pin signal
SI
Will accept data on the falling edge of the SCLK pin signal
Output Shift register is loaded here
Note: SO is tri-stated when CS is Logic [1]
CS
CS
SCLK
SI
SO
D12
D11
0D12 OD
Notes:
1. SO is tri-stated when CS is Logic [1].
2. D15, D14, D13, , and D0 refer to the first 16 bits of data into the 33977.
3. D15*, D14*, D13*,. . . ., and D0* refer to the most recent entry of program data into the 33977.
4. OD15, OD14, OD13, . . .,and OD0 refer to the first 16 bits of fault and status data out of the 33977.
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com