Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33710 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33710 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34710
TYPICAL APPLICATIONS
pcb traces short and wide helps prevent the converter's high
di/dt switching transients from causing EMI/RFI.
Figure 5. Typical PCB Layout
Figure 5 shows a typical layout for the pcb traces
connecting the IC's switching terminal (VSWITCH) and the
power inductor, rectifier, and filter components.
Also, it is recommended to design the component layout
so that the switching currents can be immediately sunk into a
broad full-plane ground that provides terminations physically
right at the corresponding component leads. This helps
prevent switching noise from propagating into other sections
of the circuitry.
Figure 6. Bottom Copper Layout
Figure 6 illustrates a pcb typical bottom copper layout for
the area underneath a buck converter populated on the top of
the same section of pcb.
The ground plane is highlighted so the reader may note
how the ground plane has been kept as broad and wide as
possible. The square vias in the plane are located to provide
an immediate path to ground from the top copper circuitry.
Figure 7. Top Copper Layout
Figure 7 shows the corresponding top copper circuit area
with the component placement.
Again, the ground plane and the vias have been
highlighted so the reader may note the proximity of these
current sink pathways to the key converter components. It is
also important to keep the power planes of the switching
converter's output spread as broad as possible beneath the
passive components, as this helps reduce EMI/RFI and the
potential for coupling noise transients into adjacent circuitry.
Figure 8. Output Plane of Buck Converter
Figure 8 shows the output plane of the buck converter
highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com