Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34920 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34920 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34920
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 8. Simplified DC Application Diagram Showing 1 of 2 Motor Drive Circuits
BIPOLAR CURRENT REGULATED STEP MOTOR
DRIVE SYSTEM
The drive circuitry is powered by the VVB+ supply voltage.
For example, with external current sense resistors of 0.910
Ω
±1%, the drive circuitry provides drive for a bipolar step motor
at current levels of approximately 183 mA, 367 mA, and
550 mA. Current mode operation supports quarter stepping.
This drive enters the fast current decay mode when both
the CURR_I0_PHASEX and CURR_I1_PHASEX inputs are
set to the logic [1] level. In fast current decay mode, any
residual motor winding current is forced into the VVB+ supply
rail when going to a zero current state from a non-zero
current level. This forces the motor winding current toward
zero as quickly as possible.
For each of the two H-bridge drivers, controlled crossover
delay, a blanking period, and internal overtemperature
sensing are provided. The crossover delay is controlled to
provide sufficient time for cross-conduction suppression. At
no time will both the upper and lower output device on the
same side of the H-bridge be allowed to conduct
simultaneously. Also, following a turn-on event a blanking
period is included to prevent false turn-offs owing to the initial
turn-on current spike, which results from motor circuit
capacitance.
This drive has internal overtemperature sensing for
protection. During an overtemperature event, when the
device TJ is at or above TJ(SHUTDOWN), the internal thermal
protection circuit disables the drive outputs by driving all
outputs to the zero current state until the device temperatures
have dropped below the lower thermal threshold temperature
TJ(ENABLE), at which time the driver is re-enabled.
Note During power-on the step motor driver circuit inhibits
its outputs when VVB+ is at 4.0 V or greater until RESET is
released. Likewise, during power-down the step motor driver
circuit inhibits its outputs from the point when RESET goes
low until VVB+ has dropped below 4.0 V.
DR2_MODE
VB+
Phase A H-Bridge
Phase B H-Bridge
DR2_DIR_DCM
SDR2_CURR_I0 PHASEA
SDR2_CURR_I1 PHASEA
SDR2_DIR_PH A
DR2A1
DR2A2
DR2B2
SDR2_DIR_PH_B
SDR2_CURR_I1_PHASEB
SDR2_CURR_I0_PHASEB
DR2B1
DR2PWM
DC
Motor
34920
+
-
DR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com