Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4435 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS4435
Description  -30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDS4435 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDS4435 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
This device is well suited for Power Management and load
switching applications common in Notebook Computers and
Portable Battery Packs.
MOSFET Maximum RatingsT
A = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-30
V
VGS
Gate to Source Voltage
±25
V
ID
Drain Current -Continuous
TA = 25°C
(Note 1a)
-8.8
A
-Pulsed
-50
PD
Power Dissipation
TA = 25°C
(Note 1a)
2.5
W
Power Dissipation
TA = 25°C
(Note 1b)
1.0
EAS
Single Pulse Avalanche Energy
(Note 4)
24
mJ
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RTJC
Thermal Resistance, Junction to Case
25
°C/W
RTJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
FDS4435
-30V P-Channel MOSFET
Rev:2023A2
1
(VGS = -10V)
VDS (V) =-30V
ID= -8.8 A
RDS(ON) < 20mΩ(VGS=-10V)
RDS(ON) < 35 mΩ(VGS=-4.5V)
•
•
•
•
Features
SOP-8
D
D
D
D
G
S
S
S
5
6
7
8
4
3
2
1


Similar Part No. - FDS4435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
264Kb / 5P
P-Channel Logic Level PowerTrench?줞OSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
65Kb / 5P
30V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDS4435 ONSEMI-FDS4435 Datasheet
168Kb / 7P
30V P-Channel PowerTrenchÒ MOSFET
October 2001 Rev F1W
logo
VBsemi Electronics Co.,...
FDS4435-NL VBSEMI-FDS4435-NL Datasheet
579Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS4435

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com