Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6681Z Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS6681Z
Description  P-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDS6681Z Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDS6681Z Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED FDS6681Z Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS
(25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Axis Title
V
SD - Source-to-Drain Voltage (V)
2nd line
T
J = 150 °C
T
J = 25 °C
10
100
1000
10000
0
0.004
0.008
0.012
0.016
0.020
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 25 °C
T
J = 125 °C
I
D = 15 A
10
100
1000
10000
-0.5
-0.2
0.1
0.4
0.7
1.0
-50
-25
0
25
50
75
100
125
150
Axis Title
T
J - Temperature (°C)
2nd line
I
D = 5 mA
I
D = 250 μA
10
100
1000
10000
0
30
60
90
120
150
0.001
0.01
0.1
1
10
Axis Title
Time (s)
2nd line
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
(1) V
GS > minimum VGS at which RDS(on) is specified
I
DM limited
Limited by R
DS(on)
(1)
T
A = 25 °C
Single pulse
BVDSS limited
100 ms
10 ms
1 ms
100 μs
DC
10 s
1 s
I
D limited
Rev:2023A2
4
P-Channel 30 V (D-S) MOSFET
FDS6681Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com