Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3205S Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF3205S
Description  N-Ch 60V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF3205S Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF3205S Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3205S Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3205S Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3205S Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
100
1000
10000
1
9
13
17
5
VDS Drain to Source Voltage(V)
25
21
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
1000.00
0.1
1
100
10
VDS
1000
(V)
10us
100us
10ms
100ms
DC
TC=25℃
Single Pulse
0.01
0.1
1
0.00001
0.0001
0.001
0.1
1
0.01
10
t , Pulse Width (s)
PDM
D = TON/T
TJpeak = TC + PDM x RθJC
TON
T
0.02
0.01
0.05
0.1
0.3
DUTY=0.5
SINGLE PULSE
Td(on)
Tr
Td(off
Ton
)
Tf
VD
Toff
S
90
VGS
%
10%
IAS
EAS=
BVDS
VD
VGS
D
S
1
L x IAS
2
2
x
BVDSS
BVDSS-VDD
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
Rev:2023A2
4
IRF3205S
N-Ch 60V Fast Switching MOSFETs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com