Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA2260DR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA2260DR2
Description  짹1.5g X-Axis Micromachined Accelerometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2260DR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA2260DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Sensors
Freescale Semiconductor
5
MMA2260D
BASIC CONNECTIONS
Pinout Description
.
Figure 5. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use a 0.1
µF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
4. Use an RC filter of 1 k
Ω and 0.01 µF on the output of
the accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
5. PCB layout of power and ground should not couple
power supply noise.
6. Accelerometer and microcontroller should not be a
high current path.
7. A/D sampling rate and any external power supply
switching frequency should be selected such that they
do not interfere with the internal accelerometer
sampling frequency. This will prevent aliasing errors.
Table 3. Pin Description
Pin No.
Pin Name
Description
1 thru 3
VSS
Redundant connections to the
internal VSS and may be left
unconnected.
4
VOUT
Output voltage of the
accelerometer.
5
STATUS
Logic output pin to indicate fault.
6
VDD
The power supply ground.
7
VSS
The power supply input.
8
ST
Logic input pin used to initiate
self-test.
9 thru 13
Trim pins
Used for factory trim. Leave
unconnected.
14 thru 16
—
No internal connection. Leave
unconnected.
VSS
VSS
VSS
VOUT
STATUS
VDD
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8
MMA2260D
ST
VOUT
Output
Signal
R1
1 k
Ω
4
C2
0.01
µF
7
Logic
Input
VDD
C1
0.1
µF
5
STATUS
6 VDD
VSS
P0
A/D In
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01
µF
1 k
Ω
0.1
µF
0.1
µF
Power Supply
0.1
µF
P1
STATUS
C
C
C
R
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com