Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCFU950 Datasheet(PDF) 32 Page - Oxford Semiconductor

Part # OXCFU950
Description  USB/UART multi-function 16-bit PC Card device
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCFU950 Datasheet(HTML) 32 Page - Oxford Semiconductor

Back Button OXCFU950 Datasheet HTML 28Page - Oxford Semiconductor OXCFU950 Datasheet HTML 29Page - Oxford Semiconductor OXCFU950 Datasheet HTML 30Page - Oxford Semiconductor OXCFU950 Datasheet HTML 31Page - Oxford Semiconductor OXCFU950 Datasheet HTML 32Page - Oxford Semiconductor OXCFU950 Datasheet HTML 33Page - Oxford Semiconductor OXCFU950 Datasheet HTML 34Page - Oxford Semiconductor OXCFU950 Datasheet HTML 35Page - Oxford Semiconductor OXCFU950 Datasheet HTML 36Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
DS-0023 February 2007
External—Free Release
Page 32 of 74
OXCFU950 DATA SHEET
OXFORD SEMICONDUCTOR, INC.
1D
06
03
12
00
D2
00
FF
CISTPL_DEVICE_OA
Attribute Memory at 3.3 volts
20
04
79
02
2B
95
CISTPL_MANFID
Manufacturer ID = 0x0279
Product ID = 0x952B
21
02
FE
00
CISTPL_FUNCID
15
15
08
00
43
46
20
43
41
52
44
00
47
45
4E
45
52
49
43
00
00
00
FF
CISTPL_VERS_1
PC Card Standard 8.0
Manufacture Name = “CF CARD”
Product Name = “GENERIC”
1A
05
01
07
00
03
6F
CISTPL_CONFIG
Last CFTABLE_ENTRY has index of 7
Base address of FCRs is 0x0300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com