Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEFB102-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CEFB102-G
Description  SMD Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFB102-G Datasheet(HTML) 2 Page - Comchip Technology

  CEFB102-G Datasheet HTML 1Page - Comchip Technology CEFB102-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
“-G” suffix designates RoHS compliant Version
SMD Efficient Fast Recovery Rectifier
Rating and Characteristic Curves (CEFB101-G Thru CEFB105-G)
Fig.1- Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
15
30
45
60
75
90
105 120 135
150
100
10
1.0
0.1
0.01
Forward Voltage (V)
0
0.2
0.4
0.6 0.8
1.0 1.2
1.4
1.6 1.8
2.0
Fig.2 - Forward Characteristics
CEFB101-G ~ 103-G
CEFB104-G
CEFB105-G
Pulse width 300uS
4% duty cycle
10
1.0
0.1
0.01
0.001
Fig. 3 - Junction Capacitance
Fig.4 - Non Repetitive Forward
Surge Curre
Number of Cycles at 60Hz
Fig.5 - Test Circuit Diagram and Reverse Recovery Time Characteristics
NOTES: 1. Rise Times = 7ns max., Input Impedance = 1 megohm.22pF.
2. Rise Time = 10ns max., Source Impedance = 50 ohms.
Fig. 6 - Current Derating Curve
Ambient Temperature
SET TIME BASE FOR
50 / 10ns / cm
Single Phase
Half Wave 60Hz
0
25
50
75
100
125 150
175
trr
1cm
OSCILLISCOPE
D.U.T.
NONINDUCTIVE
NONINDUCTIVE
0.01
0.1
1.0
10
100
CEFB104-G ~ 105-G
CEFB104-G ~ 105-G
f=1MHz and applied
4VDC reverse voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com