Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC18730EP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC18730EP
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC18730EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Document Number: MPC18730
Rev. 4.0, 8/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Power Management IC with Five
Regulated Outputs
Programmed Through 3-Wire
Serial Interface
The MPC18730 Power Management IC (PMIC) regulates five
independent output voltages from either a single cell Li-Ion (2.7 V to
4.2 V input range) or from a single cell Ni-MH or dry cell (0.9 V to
2.2 V input range).
The PMIC includes 2 DC-DC converters and 3 low drop out (LDO)
linear regulators. The output voltage for each of the 5 output voltages
is set independently through a 3-wire serial interface. The serial
interface also configures the PMIC's versatile start-up control system,
which includes multiple wakeup, sleep, standby, and reset modes to
minimize power consumption for portable equipment.
In single cell Li-Ion applications two DC-DC converters are
configured as buck (step-down) regulators. In single cell Ni-MH or dry
cell applications, one DC-DC converter is configured as a boost
(step-up) regulator, and the other as buck-boost regulator. The DC-
DC converters' output voltages have set ranges 1.613 V to 3.2 V at
up to 120 mA, and 0.805 V to 1.5 V up to 100 mA.
Features
• Operates from single cell Li-Ion, Ni-MH, or Alkaline
• 2 DC-DC Converters
• 3 Low Drop Regulators
• Serial Interface Sets Output Voltages
• 4 Wake Inputs
• Low Current Standby Mode
• Pb-Free Packaging Designated by Suffix Code EP
Figure 1. MPC18730 Simplified Application Diagram
POWER MANAGEMENT IC
EP SUFFIX (PB-FREE)
98ARL10571D
64-PIN QFN
18730
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC18730EP/R2
-10°C to 65°C
64 QFN
MPC18730
VBATT
VREF
VB
VO
PGOOD1
CONTROL
LOGIC
INPUTS
GND
GNDGATE
VOUT1
SW1
VOUT2
VO2_SENSE
SW2
SREGO1
SREGO2
SREGO3
VGATE
SWGATE
VB
SREGI1
SREGI2
SREGI3
VGATE_EXT
1.613 V to 3.2 V
0.865 V to 2.8 V
0.011 V to 2.8 V
2.08 V to 2.8 V
Programmable
0.805 V to 1.5 V
Programmable
Programmable
Programmable
Programmable
MCU
PGOOD2
VO
{
VO1_SENSE


Similar Part No. - MPC18730EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC18730EP/R2 FREESCALE-MPC18730EP/R2 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
More results

Similar Description - MPC18730EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
RICOH electronics devic...
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Texas Instruments
DP83848H TI1-DP83848H_15 Datasheet
2Mb / 84P
MII Serial Management Interface
DP83848LFQ TI1-DP83848LFQ Datasheet
2Mb / 82P
MII Serial Management Interface
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
MII Serial Management Interface
logo
NXP Semiconductors
MPC18730 NXP-MPC18730 Datasheet
1Mb / 35P
Power Management IC with Five Regulated Outputs
Rev. 4.0, 8/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com