Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC18730EPR2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC18730EPR2
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EPR2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC18730EPR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EPR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
VG GENERATOR
Figure 10. Circuit when using a Step-Up Converter
When WAKE (int) goes High from Low, the start-up circuit
raises the VB voltage and outputs it to VGATE, then outputs
the VGATE voltage when PGOOD1 (int) goes High. The
charge pump circuit can be used for both Ni_mh and Li_ion
by setting the necessary registers. The charge pump circuit is
disabled by default.
The VGATE voltage can be set in the range of 6 V to 4.5 V
according to the combination of VGATESEL1 and 2 pin
connections. Refer to Table 16, VGATE Voltage Settings and
VGATESEL1 and 2 Pin Connection on page 23 for the VG
voltage settings.
When using a charge pump, please refer to Figure 11.
L
L
L
L
L
H
X
X
2.091
L
L
L
L
H
L
X
X
2.102
L
L
L
H
L
L
X
X
2.125
L
L
H
L
L
L
X
X
2.170
L
H
L
L
L
L
X
X
2.260
H
L
L
L
L
L
X
X
2.440
H
L
L
L
L
H
X
X
2.451
H
L
L
L
H
L
X
X
2.462
H
L
L
H
L
L
X
X
2.485
H
L
H
L
L
L
X
X
2.530
H
H
L
L
L
L
X
X
2.620
H
H
H
H
H
H
X
X
2.800
Notes
34.
All combinations of input are not included.
35.
The SREG1 and 3 output voltages are determined by the combination of external resistances connected to
SREGC1 and 3 (65.14K
Ω between SREGO1 and SREGC1, 34.86KΩ between SREGC1 and GND, 73.84KΩ
between SREGO3 and SREGC3, and 26.16K
Ω between SREGC3 and GND).
Table 14. Output Voltage of SREG3
Address: 0111(34)
B7
B6
B5
B4
B3
B2
CP Off
EXTG On
SREG3 [V](35)
VBATT
VGATE
Step-Up
Pre Driver
SWGATE
VBATT
VGATE
GNDGATE
VG_select
VG_duty
VGATE
VGATE
Start Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com