Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1010-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MP1010-G
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1010-G Datasheet(HTML) 1 Page - Comchip Technology

  MP1010-G Datasheet HTML 1Page - Comchip Technology MP1010-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Case: Molded Plastic
Terminals: Plated Leads Solderable Per MIL
STD-202, Method 208
Weight: 5.4 grams (approx.)
Mounting position: Through Hole for #6
Screw
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Diffused Junction
High Current Capability
High Case Dielectric Strength
High Surge Current Capability
Ideal for Printed Circuit Board Application
Plastic Material has Underwriters
Laboratory Flammability Classification 94V-0
Features:
Reverse Voltage: 50 ~ 1000 Volts
Forward Current: 10 Amp
MP1000-G THRU MP1010-G (RoHS Device)
Silicon Bridge Rectifiers
“-G” suffix designated RoHS compliant version
Min.
14.73
5.80
19.00
5.11
3.60
10.30
Max
15.75
6.90
-
6.14
4.00
11.30
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate currently by 20%.
Characteristics
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current (Note1) @ TA = 50ºC
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half-sine-wave superimposed on rated load (JEDEC
Method)
Forward Voltage (per element) @ IF=2.0A
Peak Reverse Current @ TA=25ºC
At Rated DC Blocking Voltage @ TA=100ºC
Rating for Fusing (t<8.3ms) (Note2)
Typical Thermal Resistance (Note4)
Operating and Storage Temperature Range
Typical Junction Capacitance (Note3)
MP
1000-G
50
35
MP
1001-G
100
70
MP
1002-G
200
140
MP
1004-G
400
280
10
200
1.1
10
1.0
64
7.5
-55 to +160
110
UNIT
V
V
A
A
V
uA
A2S
K/W
ºC
pF
Symbol
VRRM
VRWM
VR
VR(RMS)
Io
IFSM
VFM
IRM
I2t
RθJA
TJ, TSTG
CJ
KBP
1006-G
600
420
KBP
1008-G
800
560
KBP
1010-G
1000
700
Note:
1. Non-repetitive for t>1ms and <8.3ms.
2. Thermal resistance junction to ambient mounted on PC board with 13.0 x 13.0 x 0.03 mm thick land areas.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
Dim
A
B
C
D
E
G
J
I
KBP
All Dimensions in mm
MP-10
1.00 O Typical
Hole for #6 screw
2.38x45ºC Typical
+
~
~
-
J
H
G
E
A
E
C
B
D
Metal Heat Sink


Similar Part No. - MP1010-G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
MP1010 GOOD-ARK-MP1010 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MP1010-G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com