Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPC210
Description  Glass Fibre Cloth
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PPC210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPC210 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BX-143
Glass Fibre Cloth
Page <1>
13/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
Description
Part Number
Tape, Glass Cloth, White, 12 mm x 50 M
PPC209
Tape, Glass Cloth, White, 19 mm x 50 M
PPC210
Tape, Glass Cloth, White, 25 mm x 50 M
PPC211
Part Number Table
Description:
Construction : Substrate material, primer, adhesive
Premier coating, adhesive : American dow corning silicone adhesive
Substrate material : Glass fibre cloth
Feature : Pressure-sensitive adhesive, no remaining adhesive, antistatic, heat-resist,
anti corrosion
No.
Item
Unit
Specification
1
Film Thickness
mm
0.14 ±0.015
2
Total Thickness
mm
0.177 ±0.015
3
Adhesion
N / 25 mm
4.6 - 6.4
4
Continuous Strength
H
≥ 24
5
Tensile Strength
N / 25 mm
≥ 700
6
Heat - Resist
°C / 10 min
270
7
Voltage - Resist
KV
≥ 3
8
Length
M
50
9
Width
mm
3 - 500
10
Colour
-
White
11
Storage, Handling
Storage must be in a dry, non-corrosive and shine environment
12
Shelf Life
Shelf life is 2 years from data of manufacture
Specification Table


Similar Part No. - PPC210

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PPC21001B13 IRCTT-PPC21001B13 Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
PPC21001B7 IRCTT-PPC21001B7 Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
PPC21001BBLK IRCTT-PPC21001BBLK Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
PPC21001BLF13 IRCTT-PPC21001BLF13 Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
PPC21001BLF7 IRCTT-PPC21001BLF7 Datasheet
201Kb / 3P
Metal Glaze Surface Mount Precision Power Chip
More results

Similar Description - PPC210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
Kingboard Laminates Hol...
KB-5150 KINGBOARD-KB-5150 Datasheet
292Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
KB-5152 KINGBOARD-KB-5152 Datasheet
223Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
3650 3M-3650 Datasheet
14Kb / 2P
Thermosetable Glass Cloth Tapes
May-2003
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com