Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC-P40/PCB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PIC-P40/PCB
Description  PIC-P40 development board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PIC-P40/PCB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PIC-P40/PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 6Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 7Page - List of Unclassifed Manufacturers PIC-P40/PCB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SOFTWARE:
DEMO1:
PIC16F877-I/P
BLINK LED
This is demo code which blinks the LED on PIC-P40 board.
Note:
LED jumper should be closed!
DEMO2:
PIC16F877-I/P
BUTTON read
This is demo code which show how to read BUTTON status and to switch
the LED ON when button is pressed and LED off when the button is
depressed.
DEMO3:
PIC16F877-I/P
RS232 send / receive routines
This is demo code, which show how to use the USART to send and receive
characters from host PC via RS232 cable.
The MAX232 by default is not connected to PIC on the board so you have to
solder two wires – one from RC6 (pin #25) of PIC16F877 Tx signal to
MAX232 Rx labeled pin, and second from RC7 (pin #26) of PIC16F877 Rx
signal to MAX232 Tx labeled pin.
You must program the HEX code to PIC16F877 and run the code.
If you programmed the PIC correctly and wired the UART, when you open
Hyperterminal on your host PC computer with 9600 bps, 8 data bit, 1 stop
bit, No flow control and apply power supply to the PIC-P40 every character
you type on the hyperterminal will be printed back with “*” i.e. if you type
“abc” you will receive “a*b*c*”.
Page 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com