Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC206 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPC206
Description  PC CARD - 1 PORT RS232
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PPC206 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPC206 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT INFORMATION
OPERATING SYSTEMS:
Windows 7 32bit & 64bit
Windows Vista 32bit & 64bit
Windows XP 32bit & 64bit
Windows Server 2003 & Windows Server 2008
Windows 2000
PRODUCT FEATURES:
l
1x9 pin, D type RS232 Serial Port
l
16 Byte transmit and receive FIFO
l
PCMCIA Bus - Fully Plug & Play
l
Auto Configuration interrupt and address
l
Drivers and Test software
l
Install guide, FAQ and other support
documents provided
l
Toughened Cable (PPC206)
l
3 years Warranty
SPECIFICATIONS:
l
Serial Ports: 1x9 pin, D type RS232
Serial Port
l
UART: 16550 Compatible
l
Speed: 115,200 maximum baud rate
l
Data Bits: 5, 6, 7 or 8
l
Stop Bits: 1 or 2
l
Parity: odd, even, none, mark or space
l
Power: 60mA @ 5V (Typical)
l
Size: Type II PC Card
l
PCMCIA Compliance: PC Card Standard 5.0
A type II PC Card providing a single RS232 serial
port. The 115,200 data transfer rates and the
16 byte deep FIFO, coupled with 115,200 line
drivers deliver uncompromising performance on
your laptop PC. Being mobile no longer limits
your options.
Available with either toughened or detachable
cable.
PPC206 / PPC207
PC CARD - 1 PORT RS232
Toughened Cable (PPC206)
ProSignal Tough Cards ensures secure reliable connectivity between your laptop and any
attached serial device. Our Tough Card provides a robust cable that is locked to the serial
card during manufacture preventing any possible break in connection or loss of cable.
PPC207 has a detachable cable.
Pro-Signal 1 PORT RS232 PC CARD - TOUGH
PRODUCT CODE: PPC206
Pro-Signal 1 PORT RS232 PC CARD
PRODUCT CODE: PPC207


Similar Part No. - PPC206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPC209 ETC-PPC209 Datasheet
499Kb / 1P
Glass Fibre Cloth
13/10/11 V1.1
More results

Similar Description - PPC206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
US-159 ETC2-US-159 Datasheet
1Mb / 2P
Isolated High Retention USB 1 Port RS232
logo
ATMEL Corporation
AT90PWM2-3 ATMEL-AT90PWM2-3 Datasheet
123Kb / 6P
RS232 cable from PC to RS232 CTRL connector
logo
Beckhoff Automation Gmb...
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
Embedded PC for RS232/RS485
CX8180 BECKHOFF-CX8180 Datasheet
134Kb / 3P
Embedded PC with RS232/RS485
logo
Coolgear Inc.
CG-1P232CAN COOLGEAR-CG-1P232CAN Datasheet
298Kb / 2P
1 Port Serial RS232 to CAN Bus Adapter with Metal Case
11/14/2021
logo
Black Box Registered Tr...
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com