Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB751G40-G Datasheet(PDF) 2 Page - Comchip Technology

Part # RB751G40-G
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RB751G40-G Datasheet(HTML) 2 Page - Comchip Technology

  RB751G40-G Datasheet HTML 1Page - Comchip Technology RB751G40-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
RB751G40-G (RoHS Device)
SMD Schottky Barrier Diode
“-G” suffix designated RoHS compliant version
Electrical Characteristic Curves
Fig. 1 Forward Characteristics
Forward Voltage (V)
0
0.2 0.4
0.6 0.8
1.0
1.2 1.4
1000m
100m
10m
1m
100
μ
10
μ
1
μ
Fig. 2 Reverse Characteristics
Reverse Voltage (V)
0
5
10
15
20
25
30
35
100
μ
10
μ
1
μ
100n
10n
1n
125ºC
75ºC
25ºC
-25ºC
Fig. 3 Capacitiance between Terminals
Reverse Voltage (V)
0
2
4
6
8
10
12
14
100
50
20
10
5
2
1
-25ºC
25ºC
75ºC
125ºC
1.2mm.
0.6 mm.
0.7mm.
SOD-723 PAD-SIZE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com