Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2010 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX2010
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPX2010
Sensors
Freescale Semiconductor
5
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 4) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 4. Linearity Specification Comparison
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Freescale MPX
pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table.
Least
Square
Deviation
Pressure (% Full Scale)
0
50
100
End Point Straight
Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Offset
Straight Line
Deviation
Table 3. Pressure (P1) Side Delineation
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2010D
344
Stainless Steep Cap
MPX2010DP
344C
Side with Part Marking
MPX2010GP
344B
Side with Port Attached
MPX2010GS
344E
Side with Port Attached
MPX2010GSX
344F
Side with Port Attached
MPXV2010GP
1369
Side with Port Attached
MPXV2010DP
1351
Side with Part Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com