Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAM3203 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AAM3203
Description  ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAM3203 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AAM3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© Andigilog, Inc. 2004
www.andigilog.com
February 2004 – 70A04011
aAM3202 / aAM3203
Truth Table - aAM3202 or aAM3203
IN1
COM1 Connection
IN2
COM2 Connection
0
NC1
0
NC2
1
NO1
1
NO2
- 4 -
Packaging Information
This QFN package is lead-free.
3.000 ± 0.050
3.000
±0.050
Pin 1 Dot
Marking
SLP / QFN 10L
(3mm x 3mm)
Top View
Bottom View
0.500 bsc
Pin 1 Identification
R 0.200 TYP
0.900 ± 0.050
0.000 - 0.050
Side View
2.400 ± 0.050
Exposed Pad
2.000
REF
0.250 ± 0.050
0.250 ± 0.050
1.700 ± 0.050
Exposed Pad
0.203 ± 0.025
3.000 ± 0.050
3.000
±0.050
Pin 1 Dot
Marking
SLP / QFN 10L
(3mm x 3mm)
Top View
Bottom View
0.500 bsc
Pin 1 Identification
R 0.200 TYP
0.900 ± 0.050
0.000 - 0.050
Side View
2.400 ± 0.050
Exposed Pad
2.000
REF
0.250 ± 0.050
0.250 ± 0.050
1.700 ± 0.050
Exposed Pad
0.203 ± 0.025
Tape & Reel Dimensions
Ø1.50 MIN
Ø 1.50 + 0.10
5.50 ± 0.05
4.00 (Note 1.)
12.00 ± 0.30
3.3 ± 0.10
1.1
0.3 ± 0.05
SEC - AA
1.75 ± 0.10
Part
Orientation
2.00 ± 0.05 (Note 2.)
3.30
3.30
A
Notes:
1. 10 hole cumulative tol. ± 0.2
2. Measured to the true position of the pocket
8.00 ± 0.10
A
Ø1.50 MIN
Ø 1.50 + 0.10
5.50 ± 0.05
4.00 (Note 1.)
12.00 ± 0.30
3.3 ± 0.10
1.1
0.3 ± 0.05
SEC - AA
1.75 ± 0.10
Part
Orientation
2.00 ± 0.05 (Note 2.)
3.30
3.30
8.00 ± 0.10
A
A
Notes:
1. 10 hole cumulative tol. ± 0.2
2. Measured to the true position of the pocket



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com