Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4101A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX4101A
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4101A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX4101A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPX4101A
Sensors
Freescale Semiconductor
5
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The Freescale
pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Nominal Transfer Value: Vout = VS (P x 0.01059 - 0.10941)
± (Pressure Error x Temp. Factor x 0.01059 x VS)
VS = 5.1 V ± 0.25 Vdc
Transfer Function (MPX4101A, MPXA4101A, MPXH6101A)
MPX4101A, MPXA4101A MPXH6101A SERIES
Temp
Multiplier
-40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0°C to –40°C and from 85°C to 125°C.
Temperature Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
–2.0
–3.0
0.0
Pressure (in kPa)
Pressure
Error (Max)
Pressure Error Band
15 to 102 (kPa)
±1.5 (kPa)
0
15
30
45
60
75
90
105
120
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX4101A
867
Stainless Steel Cap
MPXA4101AC6U
482A
Side with Port Attached
MPXH6101A6U
1317
Stainless Steel Cap
MPXH6101A6T1
1317
Stainless Steel Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com