Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2202D
Description  200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2202D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2202D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2202D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPX2202
Rev 4, 08/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
200 kPa On-Chip Temperature
Compensated & Calibrated
Pressure Sensors
The MPX2202/MPXV2202G device series is a silicon piezoresistive pressure
sensor providing a highly accurate and linear voltage output - directly
proportional to the applied pressure. The sensor is a single monolithic silicon
diaphragm with the strain gauge and a thin-film resistor network integrated on-
chip. The chip is laser trimmed for precise span and offset calibration and
temperature compensation. They are designed for use in applications such as
pump/motor controllers, robotics, level indicators, medical diagnostics, pressure
switching, barometers, altimeters, etc.
Features
•
Temperature Compensated Over 0°C to +85°C
•
Easy-to-Use Chip Carrier Package Options
•
Available in Absolute, Differential and Gauge Configurations
Typical Applications
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Barometers
•
Altimeters
ORDERING INFORMATION
Device
Type
Options
Case No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPX2202G SERIES)
Ported
Elements
Gauge, Side Port,
SMT
1369
MPXV2202GP
Trays
MPXV2202GP
Differential, Dual Port,
SMT
1351
MPXV2202DP
Trays
MPXV2202DP
UNIBODY PACKAGE (MPX2202 SERIES)
Basic
Element
Absolute, Differential
344
MPX2202A
MPX2202D
—
MPX2202A
MPX2202D
Ported
Elements
Differential, Dual Port
344C
MPX2202DP
—
MPX2202DP
Absolute, Gauge
344B
MPX2202AP
MPX2202GP
—
MPX2202AP
MPX2202GP
Absolute, Gauge Axial
344F
MPX2202ASX
—
MPX2202A
MPX2202
SERIES
0 TO 200 kPA (0 TO 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
MPXV2202GP
CASE 1369-01
SMALL OUTLINE PACKAGE
SURFACE MOUNT
MPXV2202DP
CASE 1351-01
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
1. Pin 1 is noted by the notch in the lead.
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
VS
8
N/C
UNIBODY PACKAGE PIN NUMBERS
1
GND(1)
1. Pin 1 is noted by the notch in the lead.
3
VS
2
+VOUT
4
VS
MPX2202A/D
CASE 344-15
MPX2202AP/GP
CASE 344B-01
MPX2202DP
CASE 344C-01
MPX2202ASX
CASE 344F-01
UNIBODY PACKAGES


Similar Part No. - MPX2202D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2202D MOTOROLA-MPX2202D Datasheet
6Mb / 670P
Sensor
MPX2202D MOTOROLA-MPX2202D Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPX2202DP MOTOROLA-MPX2202DP Datasheet
6Mb / 670P
Sensor
MPX2202DP MOTOROLA-MPX2202DP Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPX2202DP FREESCALE-MPX2202DP Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPX2202D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050 Datasheet
304Kb / 8P
50kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100 Datasheet
307Kb / 8P
100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2200 FREESCALE-MPX2200 Datasheet
207Kb / 8P
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com