Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4200A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX4200A
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4200A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX4200A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPX4200A
Rev 3, 07/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications On-Chip Signal
Conditioned, Temperature
Compensated and Calibrated
The Freescale MPX4200A series Manifold Absolute Pressure (MAP) sensor
for turbo boost engine control is designed to sense absolute air pressure within
the intake manifold. This measurement can be used to compute the amount of
fuel required for each cylinder.
The MPX4200A series sensor integrates on-chip, bipolar op amp circuitry and
thin film resistor networks to provide a high level analog output signal and
temperature compensation. The small form factor and reliability of on-chip
integration make the Freescale MAP sensor a logical and economical choice for
automotive system designers.
Features
•
Specifically Designed for Intake Manifold Absolute Pressure Sensing in
Engine Control Systems
•
Patented Silicon Shear Stress Strain Gauge
•
Temperature Compensated Over –40° to +125°C
•
Offers Reduction in Weight and Volume Compared to Existing Hybrid
Modules
•
Durable Epoxy Unibody Element
Typical Applications
•
Manifold Sensing for Automotive Systems
•
Ideally suited for Microprocessor or Microcontroller-Based Systems
•
Also ideal for Non-Automotive Applications
ORDERING INFORMATION
Device Type
Options
Case No.
MPX Series
Order No.
Device
Marking
UNIBODY PACKAGE (MPX4200A SERIES)
Basic Element
Absolute, Element
867
MPX4200A
MPX4200A
MPX4200A
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 200 kPa (2.9 to 29 psi)
0.3 to 4.9 V OUTPUT
UNIBODY PACKAGE
MPX4200A
CASE 867-08
PIN NUMBERS(1)
1. Pins 4, 5, and 6 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
Vout
4
N/C
2
GND
5
N/C
3
VS
6
N/C


Similar Part No. - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4200A MOTOROLA-MPX4200A Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
logo
Motorola, Inc
MPX4200AP MOTOROLA-MPX4200AP Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4200AS MOTOROLA-MPX4200AS Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4200ASX MOTOROLA-MPX4200ASX Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
More results

Similar Description - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ4115A FREESCALE-MPXAZ4115A Datasheet
286Kb / 7P
MEDIA RESISTANT, INTEGRATED SILICON PRESSURE SENSOR FOR MANIFOLD ABSOLUTE PRESSURE, ALTIMETER OR BAROMETER APPLICATIONS ON-CHIP SIGNAL CONDITIONED, TE
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com