Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8020A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8020A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXY8020A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document Number: MPXY8000
Rev 3, 02/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Tire Pressure Monitoring Sensor
Temperature Compensated
and Calibrated, Fully Integrated,
Digital Output
The Freescale Semiconductor MPXY8000 series sensor is an 8-pin tire
monitoring sensor which is comprised of a variable capacitance pressure
sensing element, a temperature sensing element, and an interface circuit (with a
wake-up feature) all on a single chip. It is housed in a Super-Small Outline
Package (SSOP), which includes a media protection filter. Specifically designed
for the low power consumption requirements of tire pressure monitoring systems,
it can combine with a Freescale Semiconductor remote keyless entry (RKE)
system to facilitate a low-cost, highly integrated system.
DETAILED DESCRIPTION
The block diagram of the MPXY8000 series sensor is shown in Figure 1. The
pressure sensor is a capacitive transducer constructed using surface
micromachining, the temperature sensor is constructed using a diffused resistor,
and the interface circuit is integrated onto the same die as the sensors using a
standard silicon CMOS process.
The conditioning of the pressure signal begins with a capacitance to voltage
conversion (C to V) followed by a switched capacitor amplifier. This amplifier has
adjustable offset and gain trimming. The offset and gain are factory calibrated,
with calibration values stored in the EEPROM trim register. This amplifier also
has temperature compensation circuits for both sensitivity and offset, which also
are factory adjusted using the EEPROM trim register.
The pressure is monitored by a voltage comparator, which compares the
measured value against an 8-bit threshold adjusted by a serial input. By adjusting
the threshold and monitoring the state of the OUT pin the external device can
check whether a low-pressure threshold has been crossed, or perform up to
8-bit A/D conversions.
The temperature is measured by a diffused resistor with a positive
temperature coefficient driven by a current source, thereby creating a voltage.
The room temperature value of this voltage is factory calibrated using the
EEPROM trim register. A two-channel multiplexer can route either the pressure
or temperature signal to a sampling capacitor that is monitored by a voltage
comparator with variable threshold adjust, providing a digital output for
temperature.
An internal low frequency, low power 5.4 kHz oscillator with a 14-stage divider
provides a periodic pulse to the OUT pin (divide by 16384 for 3 seconds). This
pulse can be used to wake up an external MCU to begin an interface with the
device. An additional 10-stage divider will provide a pulse every 52 minutes
which can be used to reset an external MCU.
The power consumption can be controlled by several operational modes
selected by external pins.
MPXY8020A
MPXY8040A
SUPER SMALL OUTLINE PACKAGE
CASE 1352-03
PIN ASSIGNMENT
TIRE PRESSURE
MONITORING SENSOR
MPXY8020A:
OPTIMIZED FOR 250 kPa – 450 kPa
MPXY8040A:
OPTIMIZED FOR 500 kPa – 900 kPa
8-pin Super Small Outline Package (SSOP)
ORDERING INFORMATION
Shipped in Rails
Shipped in Tape &
Reel
MPXY8020A6U
MPXY8040A6U
MPXY8020A6T1
MPXY8040A6T1
1
2
4
3
S1NPP
VDD
VSS
OUT
8
7
5
6
RST
DATA
CLK
SO


Similar Part No. - MPXY8020A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8020A MOTOROLA-MPXY8020A Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A6T1 MOTOROLA-MPXY8020A6T1 Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8020A6T1 MOTOROLA-MPXY8020A6T1 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
More results

Similar Description - MPXY8020A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
Tire Pressure Monitoring Sensor
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
Calibrated and temperature compensated digital output
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com