Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8040A Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXY8040A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8040A Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXY8040A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Sensors
8
Freescale Semiconductor
MPXY8000
Figure 8. Control Timing Test Load for OUT and RST Pins
Table 6. Control Timing
+2.1 V
≤ VDD ≤ +3.6 V, TL ≤ TA ≤ TH, unless otherwise specified.
Characteristic
Symbol
Min
Typ
Max
Units
HFO Measurement Clock Frequency
fHF
100
135
150
kHz
LFO Wake Up Clock Frequency
Ta =
–40°C, +2.1V ≤ VDD ≤ +3.6
Ta = +25
°C, +2.1V ≤ VDD ≤ +3.6
Ta = +125
°C, +2.1V ≤ VDD ≤ +3.6
fLF
fLF
fLF
3300
3900
3800
5400
5400
5300
8000
7700
7000
Hz
Hz
Hz
Wake Up Pulse
Pulse Timing
Pulse Width
tWAKE
tWPW
—
—
16384
2
—
—
LFO clocks
LFO clocks
Reset Pulse
Pulse Timing
Pulse Width
tRESET
tRPW
—
—
16,777,216
2
—
—
LFO clocks
LFO clocks
Minimum Setup Time (DATA edge to CLK rise)
tSETUP
100
—
—
nSec
Minimum Hold Time (CLK rise to DATA change)
tHOLD
100
—
—
nSec
Measurement Response Time
Recommended time to hold device in measurement mode
Temperature
Pressure
tTMEAS
tPMEAS
—
—
200
500
—
—
µSec
µSec
Read Response Time (see Figure 8)
From 90% VDD on S0 to OUT less than VOL or greater than VOH
tREAD
—
50
100
µSec
Sample Capacitor Discharge Time
From initial full scale D/A count (255) to drop 2 counts (253)
tSH
20
—
—
mSec
Test Point
50 pF
6.32 k
Ω
10.91 k
Ω
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com