Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTM1102 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZTM1102
Description  PNP transistor/Schottky-diode module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZTM1102 Datasheet(HTML) 4 Page - NXP Semiconductors

  PZTM1102 Datasheet HTML 1Page - NXP Semiconductors PZTM1102 Datasheet HTML 2Page - NXP Semiconductors PZTM1102 Datasheet HTML 3Page - NXP Semiconductors PZTM1102 Datasheet HTML 4Page - NXP Semiconductors PZTM1102 Datasheet HTML 5Page - NXP Semiconductors PZTM1102 Datasheet HTML 6Page - NXP Semiconductors PZTM1102 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 May 09
4
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PZTM1102
Notes
1. Measured under pulsed conditions: tp ≤ 300 µs; δ ≤ 0.01.
2. Limiting value for Tj = 125 °C; Tj = 150 °C with reverse current applied is not allowed as this may cause thermal
runaway leading to thermal destruction of the diode. A peak junction temperature of Tj = 150 °C is only allowed with
forward voltage applied.
THERMAL CHARACTERISTICS
Note
1. Refer to SOT223 standard mounting conditions.
Schottky barrier diode
VF
forward voltage
IF = 100 mA; note 1
−
330
mV
IF = 100 mA; Tamb = −55 to +150 °C; note 1
−
400
mV
IF = 1 A; note 1
−
500
mV
IF = 1 A; Tamb = −55 to +150 °C; note 1
−
560
mV
IR
reverse current
VR = 40 V; note 1
−
300
µA
VR = 40 V; Tj = 125 °C;
Tamb = −55 to +150 °C; note 1
−
35(2)
mA
IR
reverse current
VR = 10 V; note 1
−
40
µA
VR = 10 V; Tj = 125 °C;
Tamb = −55 to +150 °C; note 1
−
15(2)
mA
Cj
junction capacitance
VR = 0 V; f = 1 MHz
−
250
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient (for the transistor)
note 1
100
K/W
Rth j-a
thermal resistance from junction to ambient (for the Schottky diode) note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com