Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7512 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASC7512
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASC7512 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
- 2 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
Block Diagram
Pin Descriptions
Symbol
Pin
Type
Name and Function/Connection
SMBDAT
7
Digital I/O
(Open-Drain)
System Management Bus Data. Open-drain output. 5V
tolerant, SMBus 2.0 compliant.
SMBCLK
8
Digital Input
System Management Bus Clock. Tied to Open-drain output.
5V tolerant, SMBus 2.0 compliant.
VDD
1
POWER
+3.3V pin. Can be powered by +3.3V Standby power if
monitoring in low power states is required. This pin should
be bypassed with a 0.1
μF capacitor in parallel with 100pF
GND
5
GROUND
Ground for all analog and digital circuitry.
D+
2
Remote Thermal Diode
Positive Input
Positive input (current source) from the remote thermal
diode serves as the positive input into the A/D. Connected
to the anode of a CPU thermal diode or the base-collector of
a diode connected MMBT3904 NPN transistor.
D-
3
Remote Thermal Diode
Negative Input
Negative input (current sink) from the remote thermal diode
serves as the negative input into the A/D. Connected to
cathode of a CPU thermal diode or the emitter of a diode
connected MMBT3904 NPN transistor.
TACH /
ALERT
6
Digital Input / Digital
Open-Drain Output
Input for monitoring tachometer output of fan (default) or
ALERT
output selectable by configuration register 09h, bit 5.
PWM
4
Digital Open-Drain
Output
Fan speed control, Pulse Width Modulated.
Figure 1 Block Diagram
TACH /
ALERT
D+
D-
Diode
Signal
Con-
ditioning
&
Analog
Mux
ID Registers
Address
Pointer
ADC
Bandgap
Reference
Status Registers
Fan T-min, T-range & T-Hyst
Fan Control Registers
Fan Speed Configuration
SMBus Interface
Limit Registers
Limit Comparators
SMBDAT
SMBCLK
Internal
Sensor
PWM
Fan PWM Control Register
Fan Characteristic Registers
Pin
MUX
Tach Signal
Conditioner
Spike Smoothing
Digital
Filter
Configuration Register
Fan
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com