Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM121 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASM121
Description  SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM121 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASM121 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
aSM121
- 3 -
© Andigilog, Inc. 2004
www.andigilog.com
July 2005 - 70A04006
25
Figure 1. aSM121 Output Voltage vs. Temperature
Mounting
The
aSM121
package
provides
good
thermal
conductivity to the surface to which it is soldered. It’s
low mass allows it to respond quickly to changes in
board temperature. In this case, its temperature will be
within about 0.02°C of the temperature of the surface it
is attached to if the ambient air temperature is almost
the same as the surface temperature. If the air
temperature is much higher or lower than the surface
temperature, the actual temperature of the aSM121
die will be at an intermediate temperature between the
surface temperature and the air temperature.
To ensure good thermal conductivity, the backside of
the aSM121 die is directly attached to the GND pin.
The lands and traces to the aSM121 will, of course, be
part of the printed circuit board, which is the object
whose temperature is being measured. These printed
circuit board lands and traces will not cause the
aSM121’s temperature to deviate from the desired
temperature.
Alternatively, the aSM121 can be mounted inside a
sealed-end metal tube, and can then be dipped into a
bath or screwed into a threaded hole in a tank. As
with any IC, the aSM121 and accompanying wiring
and circuits must be kept insulated and dry to avoid
leakage and corrosion. This is especially true if the
circuit may operate at cold temperatures where
condensation can occur. Printed-circuit coatings and
varnishes such as Humiseal and epoxy paint or dips
can be used to ensure that moisture cannot corrode
the aSM121 or its connections.
50
75
100
125
-30
0
1750
200
750
500
V
OUT (mV)
Temperature (ºC)
1500
Temp (ºC) = (V
OUT – 500mV) / 10mV/ºC)
900
1350
300
25
75
100
125
-30
50
0
1750
200
750
500
V
OUT (mV)
Temperature (ºC)
1500
Temp (ºC) = (V
OUT – 500mV) / 10mV/ºC)
900
1350
300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com