Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS51 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS51
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS51 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS51 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
New Release Specification
© Andigilog, Inc. 2003
www.andigilog.com
70A03203-003
LOW-VOLTAGE SOT-23
TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
aTS51
PRODUCT SPECIFICATION
General Description
The aTS51 is a high-precision CMOS temperature
sensor that provides a cost-effective solution for
applications
requiring
high-accuracy
low-power
temperature monitoring. The aTS51 is ideally suited for
applications requiring high drive current. The aTS51
output voltage ramp is extremely linear and has a
slope of 10mV/°C. With a supply voltage of 2.7V to
6V, the aTS51 is accurate to ±1°C over a temperature
range of
−40°C to 125°C and has a typical room
temperature accuracy of ±0.5°C. Reducing the supply
voltage to 2.7V does not change the negative and
positive temperature extremes. As well, the aTS51
does not require external calibration. Calibration of
each device is performed at the factory.
Features
•
Precision Calibrated to ±1°C at 25°C
•
Low Output Impedance for 1mA Load
•
Temperature Range: -40°C to 125°C
•
Extremely Linear Output Ramp: 10mV/°C
•
Output Ramp is Calibrated to Degrees Celsius
•
Low Operating Current:
≤ 130μA
•
Low Self Heating: 0.2°C Typical in Still Air
•
Operating Voltage Range: +2.7V to +6V
•
Uses a Single Positive Supply
•
Non-linearity:
≤ 0.8°C
Applications
•
Mobile Phones
•
Mobile Communications Terminals
•
Computers
•
Battery Management
•
FAX Machines/Printers/Copiers
•
Portable Medical Instruments
•
HVAC
•
Power Supply Modules
•
Disk Drives
•
Automotive Control Circuits
Pin Configuration
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
aTS51
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
aTS51
actual part marking below
Accuracy vs Temperature
-50
0
50
100
Temperature (°C)
VDD=+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
-50
0
50
100
Temperature (°C)
VDD=+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
Ordering Information
Part Number
Package
Temperature Range
Part Marking
How Supplied
aTS51S3
3-Pin SOT-23
-40˚C to +125˚C
AByw
3000 units on T&R
y – year, w - week


Similar Part No. - ATS51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
ATS50S3 ETC2-ATS50S3 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Allegro MicroSystems
ATS535CSB ALLEGRO-ATS535CSB Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS535JSB ALLEGRO-ATS535JSB Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Fairchild Semiconductor
FM51 FAIRCHILD-FM51 Datasheet
57Kb / 6P
Low Voltage High Drive Temperature Sensor
logo
National Semiconductor ...
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
National Semiconductor ...
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Linear Technology
LT6654 LINER-LT6654 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6654 LINER-LT6654_12 Datasheet
3Mb / 22P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Texas Instruments
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com