Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS75D8 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ATS75D8
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75D8 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ATS75D8 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 15Page - List of Unclassifed Manufacturers ATS75D8 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
- 13 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
D8 Package – 8-Lead SOIC Package Dimensions
4.80mm (min)
4.98mm (max)
0.36mm (min)
0.46mm (max)
3.81mm (min)
3.99mm (max)
5.80mm (min)
6.20mm (max)
1.27mm BSC
1.52mm (min)
1.72mm (max)
0.53mm
α
0° (min)
8° (max)
0.25mm (min)
0.50mm (max)
x 45°
0.10mm (min)
0.25mm (max)
1.37mm (min)
1.57mm
(max)
β
7°
0.41mm (min)
1.27mm (max)
Detail A
Detail
A
0.19mm (min)
0.25mm (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com