Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6680AS Datasheet(PDF) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD6680AS
Description  N-channel Advanced Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDD6680AS Datasheet(HTML) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDD6680AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDD6680AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDD6680AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDD6680AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Electrical & Thermal Characteristics
0
30
60
90
120
150
180
0
25
50
75
100
125
150
TCASE (C)
Figure 7: Current De-rating
0
30
60
90
120
150
0
25
50
75
100
125
150
TCASE (C)
Figure 8: Power De-rating
0.01
0.1
1
10
100
1000
0.1
1
10
100
VDS (V)
Figure 9: Maximum Safe Operating Area
Limited by
RDS(ON)
10
100
1000
10000
100000
0.0000010.00001 0.0001 0.001
0.01
0.1
1
10
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Duty = 0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
DC
10ms
10s
1.0s
100s
1.0ms
Pulse Width (s)
Figure 10: Single Pulse Power Rating, Junction-to-Case
TJ_Max = 150°C
TC = 25°C
Duty Cycle = Ton/TPeak
TJ = TC + PD x ZJC x RJC
RJC = 0.8°C/W
100ms
FDD6680AS
v4.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com