Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1620 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA1620
Description  Low voltage GSM front-end transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1620 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA1620 Datasheet HTML 17Page - NXP Semiconductors SA1620 Datasheet HTML 18Page - NXP Semiconductors SA1620 Datasheet HTML 19Page - NXP Semiconductors SA1620 Datasheet HTML 20Page - NXP Semiconductors SA1620 Datasheet HTML 21Page - NXP Semiconductors SA1620 Datasheet HTML 22Page - NXP Semiconductors SA1620 Datasheet HTML 23Page - NXP Semiconductors SA1620 Datasheet HTML 24Page - NXP Semiconductors SA1620 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Philips Semiconductors
Product specification
SA1620
Low voltage GSM front-end transceiver
1997 May 22
21
12
R546 (
Ω)
VCC = 3V
Temp = 25
°C
10
8
6
4
2
0
-2
-4
SR00156
Figure 27.
Transmit Output Power vs R(546) @ VCC = 3V
100
R546 (
Ω)
VCC = 3V
Temp = 25
°C
90
80
70
60
50
40
30
20
SR00157
Figure 28.
Transmit Mode Current vs R(546) @ VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com