Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R24C2T25 Datasheet(PDF) 4 Page - Recom International Power

Part # R24C2T25
Description  2W / 21V-27VDC / 36 Pin SSOP Package RxxC2Txx series / Power Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24C2T25 Datasheet(HTML) 4 Page - Recom International Power

  R24C2T25 Datasheet HTML 1Page - Recom International Power R24C2T25 Datasheet HTML 2Page - Recom International Power R24C2T25 Datasheet HTML 3Page - Recom International Power R24C2T25 Datasheet HTML 4Page - Recom International Power R24C2T25 Datasheet HTML 5Page - Recom International Power R24C2T25 Datasheet HTML 6Page - Recom International Power R24C2T25 Datasheet HTML 7Page - Recom International Power R24C2T25 Datasheet HTML 8Page - Recom International Power R24C2T25 Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 4
2W / 21V-27VDC / 36 Pin SSOP Package
RxxC2Txx series / Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
TRIM FUNCTION
Setting the main output - Single Configuration
Setting the second output - Dual Configuration
Defining RLIM
The VOUT+ to VOUT- output is the primary module output, regulated by the sensed voltage on FBVOUT+ pin. The VOUT+ to VOUT- voltage is sensed through
a voltage divider (R1 and R2). When FBVOUT+ voltage is below the turn-off threshold (approx. 10mV above the 2.5V reference), the power stage
operates, raising the output voltage. Once the output reaches the turn-off threshold, the power stage turns off, causing the voltage to drop due to
load current. When the output voltage falls below the turn-on threshold (approx. 10 mV below the 2.5V reference), the power stage is reactivated.
Precise voltage reference and hysteresis control ensure accurate regulation. For enhanced noise immunity, add a 330pF capacitor between FBVOUT+
and VOUT- pins, avoiding excessive capacitance to prevent output voltage ripple or stability issues.
For isolated gate drivers, VOUT+ to VOUT- provides the regulated total voltage with the midpoint as the reference. The COM pin regulates the midpoint
voltage for accurate positive and negative outputs based on FBVOUT+ feedback.
In Figure below, COM to VOUT- is monitored through R3 and R4 on FBVOUT-. A 330pF capacitor on FBVOUT- filters noise. Charging resistor activation,
controlled by FBVOUT-, raises COM to VOUT- voltage. After reaching the stop charging threshold, the charging resistor turns off. The discharge resistor,
with a 20mV hysteresis, is then controlled by FBVOUT-.
The COM to VOUT- regulator protects against prolonged high-side FET activation during a COM to VOUT- short. It monitors COM pin voltage, adjusting
the high-side FET duty ratio. If COM pin voltage is below 0.645V while FBVOUT- is under 2.48V, a 20% duty ratio control overrides normal hysteresis.
When COM pin voltage exceeds 0.73V, duty ratio control is disabled, and normal operation resumes.
When the device has been configured to dual configuration, the RLIM resistor is a true current limiting resistor. Set up the RLIM resistor as the maximum
load current (IOUT-_max) needed for VOUT- to COM path using following equation:
*(according to E96)
*(according to E96)
*
RLIM_internal = 30Ω
* IOUT-_max = depends on application
* IOUT-_max has been defined as 12mA for the target application
Recommended resistor values for common VOUT+:
Recommended resistor values for common VOUT-:
VOUT+
VOUT+
VOUT-
VOUT-
FBVOUT+
10µF
330pF
R1
R2
VOUT+
VOUT+
VOUT-
VOUT-
COM
FBVOUT-
RLIM
1k
330pF
10µF
33µF
R3
R4
AGND
Calculation
Calculation
Calculation
Example
Example
Example RLIM for VOUT-= 5VDC
Setting the main output (Vout+ to Vout-)
������������������������������������������������
=(������������������������������������������������������������������������������������������������+−������������������������������������������������������������������������������������������������)
������������������������������������������������������������������������������������������������ ������������������������2
Setting the dual output
������������������������������������������������
=(������������������������������������������������������������������������������������������������−−������������������������������������������������������������������������������������������������)
������������������������������������������������������������������������������������������������ ×������������������������4−������������������������������������������������������������������������������������������������
Setting the dual output
������������������������������������������������������������������������������������������������
= ������������������������������������������������������������������������������������������������−
������������������������������������������������������������������������������������������������−_������������������������������������������������������������������������−������������������������������������������������������������������������������������������������_������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������
Example Setting the main output (Vout+ to Vout-)
������������������������������������������������
=(18������������������������−2.5������������������������)
(2.5������������������������) ×110������������������������Ω=������������������������������������������������������������������������������������������������Ω
Example Setting the dual output
������������������������������������������������
=(5������������������������−2.5������������������������)
2.5������������������������ ×499������������������������Ω−387Ω=������������������������������������������������������������������������������������������������Ω
Example Setting the dual output
������������������������������������������������������������������������������������������������
= 5������������������������12������������������������������������������������−30Ω=������������������������������������������������������������������������Ω
VOUT+ [VDC]
R2 [kΩ]
R1 [kΩ]
18
110
681
19
732
20
768
21
806
22
866
23
909
24
953
25
1000
VOUT- [VDC]
R4 [kΩ]
RLIM [Ω]
R3 [kΩ]
3
499
220
100
4
301
301
5
383
499
9
715
1300
Note8:
To minimize the power consumption under light loads, it is desirable to choose a resistance value of between 100kΩ and 500kΩ for R4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com