Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K224K20X7RF5TH5.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K224K20X7RF5TH5..
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K224K20X7RF5TH5.. Datasheet(HTML) 4 Page - Vishay Siliconix

  K224K20X7RF5TH5.. Datasheet HTML 1Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 2Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 3Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 4Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 5Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 6Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 7Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
4
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Lead diameter is 0.5 mm
• # 5th digit is capacitance tolerance code: ± 10 % = K; ± 20 % = M
• # 13th digit is packaging code: Bulk = 3; Reel = T; Ammo = U
• # 14th digit is lead style code: L; H; K (L and H are preferred lead configuration)
• # 15th digit is lead spacing code: 2.5 mm = 2; 5.0 mm = 5
DIELECTRIC X7R
CAP.
(pF)
50 VDC
100 VDC
200 VDC
500 VDC
SMALLER SIZE
NORMAL SIZE
SMALLER SIZE
NORMAL SIZE
NORMAL SIZE
NORMAL SIZE
100
K101#10X7RF5### K101#15X7RF5### K101#10X7RH5### K101#15X7RH5### K101#15X7RK5### K101#15X7RL5##5
120
K121#10X7RF5### K121#15X7RF5### K121#10X7RH5### K121#15X7RH5### K121#15X7RK5### K121#15X7RL5##5
150
K151#10X7RF5### K151#15X7RF5### K151#10X7RH5### K151#15X7RH5### K151#15X7RK5### K151#15X7RL5##5
180
K181#10X7RF5### K181#15X7RF5### K181#10X7RH5### K181#15X7RH5### K181#15X7RK5### K181#15X7RL5##5
220
K221#10X7RF5### K221#15X7RF5### K221#10X7RH5### K221#15X7RH5### K221#15X7RK5### K221#15X7RL5##5
270
K271#10X7RF5### K271#15X7RF5### K271#10X7RH5### K271#15X7RH5### K271#15X7RK5### K271#15X7RL5##5
330
K331#10X7RF5### K331#15X7RF5### K331#10X7RH5### K331#15X7RH5### K331#15X7RK5### K331#15X7RL5##5
390
K391#10X7RF5### K391#15X7RF5### K391#10X7RH5### K391#15X7RH5### K391#15X7RK5### K391#15X7RL5##5
470
K471#10X7RF5### K471#15X7RF5### K471#10X7RH5### K471#15X7RH5### K471#15X7RK5### K471#15X7RL5##5
560
K561#10X7RF5### K561#15X7RF5### K561#10X7RH5### K561#15X7RH5### K561#15X7RK5### K561#15X7RL5##5
680
K681#10X7RF5### K681#15X7RF5### K681#10X7RH5### K681#15X7RH5### K681#15X7RK5### K681#15X7RL5##5
820
K821#10X7RF5### K821#15X7RF5### K821#10X7RH5### K821#15X7RH5### K821#15X7RK5### K821#15X7RL5##5
1000
K102#10X7RF5### K102#15X7RF5### K102#10X7RH5### K102#15X7RH5### K102#15X7RK5### K102#15X7RL5##5
1200
K122#10X7RF5### K122#15X7RF5### K122#10X7RH5### K122#15X7RH5### K122#15X7RK5### K122#15X7RL5##5
1500
K152#10X7RF5### K152#15X7RF5### K152#10X7RH5### K152#15X7RH5### K152#15X7RK5### K152#15X7RL5##5
1800
K182#10X7RF5### K182#15X7RF5### K182#10X7RH5### K182#15X7RH5### K182#15X7RK5### K182#15X7RL5##5
2200
K222#10X7RF5### K222#15X7RF5### K222#10X7RH5### K222#15X7RH5### K222#15X7RK5### K222#15X7RL5##5
2700
K272#10X7RF5### K272#15X7RF5### K272#10X7RH5### K272#15X7RH5### K272#15X7RK5### K272#15X7RL5##5
3300
K332#10X7RF5### K332#15X7RF5### K332#10X7RH5### K332#15X7RH5### K332#15X7RK5### K332#20X7RL5##5
3900
K392#10X7RF5### K392#15X7RF5### K392#10X7RH5### K392#15X7RH5### K392#15X7RK5### K392#20X7RL5##5
4700
K472#10X7RF5### K472#15X7RF5### K472#10X7RH5### K472#15X7RH5### K472#15X7RK5### K472#20X7RL5##5
5600
K562#10X7RF5### K562#15X7RF5### K562#10X7RH5### K562#15X7RH5### K562#15X7RK5### K562#20X7RL5##5
6800
K682#10X7RF5### K682#15X7RF5### K682#10X7RH5### K682#15X7RH5### K682#15X7RK5### K682#20X7RL5##5
8200
K822#10X7RF5### K822#15X7RF5### K822#10X7RH5### K822#15X7RH5### K822#15X7RK5### K822#20X7RL5##5
10 000
K103#10X7RF5### K103#15X7RF5### K103#10X7RH5### K103#15X7RH5### K103#15X7RK5### K103#20X7RL5##5
12 000
K123#10X7RF5### K123#15X7RF5###
-
K123#15X7RH5### K123#15X7RK5### K123#20X7RL5##5
15 000
K153#10X7RF5### K153#15X7RF5###
-
K153#15X7RH5### K153#15X7RK5### K153#20X7RL5##5
18 000
K183#10X7RF5### K183#15X7RF5###
-
K183#15X7RH5### K183#15X7RK5### K183#20X7RL5##5
22 000
K223#10X7RF5### K223#15X7RF5###
-
K223#15X7RH5### K223#15X7RK5### K223#20X7RL5##5
27 000
K273#10X7RF5### K273#15X7RF5###
-
K273#20X7RH5### K273#20X7RK5### K273#20X7RL5##5
33 000
K333#10X7RF5### K333#15X7RF5###
-
K333#20X7RH5### K333#20X7RK5### K333#20X7RL5##5
39 000
K393#10X7RF5### K393#15X7RF5###
-
K393#20X7RH5### K393#20X7RK5### K393#20X7RL5##5
47 000
K473#10X7RF5### K473#15X7RF5###
-
K473#20X7RH5### K473#20X7RK5### K473#20X7RL5##5
56 000
K563#10X7RF5### K563#15X7RF5###
-
K563#20X7RH5### K563#20X7RK5###
-
68 000
K683#10X7RF5### K683#15X7RF5###
-
K683#20X7RH5### K683#20X7RK5###
-
82 000
K823#10X7RF5### K823#15X7RF5###
-
K823#20X7RH5### K823#20X7RK5###
-
100 000
K104#10X7RF5### K104#15X7RF5###
-
K104#20X7RH5### K104#20X7RK5###
-
150 000
-
K154#20X7RF5###
-
K154#20X7RH5### K154#20X7RK5###
-
220 000
-
K224#20X7RF5###
-
K224#20X7RH5### K224#20X7RK5###
-
330 000
-
K334#20X7RF5###
-
K334#20X7RH5###
-
-
470 000
-
K474#20X7RF5###
-
K474#20X7RH5###
-
-
560 000
-
K564#20X7RF5###
-
K564#20X7RH5###
-
-
680 000
-
K684#20X7RF5###
-
-
-
-
1 000 000
-
K105#20X7RF5###
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com