Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC49SD
Description  RESISTANCE WELD SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC49SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC49SD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20 FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
© 2004 FOX ELECTRONICS
FEATURES
• Low Cost
• Stock Standard
• Fundamental to 50 MHz
• Tape and Reel (1,000 pcs. STD)
OPTIONS
• Tolerances to < 10 PPM
• Stabilities to < 5 PPM
• Temperatures to -40ºC ~ +85ºC
• 3.2mm Height Max (HC49SSD)
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for
specific requirements.
2 Crystal has a ±30ppm tolerance specification for all standard part numbers. These part numbers are listed in
the Fox catalog on the Standard Crystal table.
All specifications subject to change without notice. Rev.
2/25/04
RESISTANCE WELD SMD CRYSTAL
HC49SD
3.200 ~ 70.000 MHz
±50 PPM
±50 PPM
-10ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
±5 PPM
Frequency Range
Frequency Tolerance2 @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging @ 25ºC; per year
• STANDARD SPECIFICATIONS1
PARAMETERS
See page 28 for tape and reel specifications.
3.200 ~ 3.500
3.500+ ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 50.000
27.000 ~ 70.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
300
200
150
120
100
80
60
40
30
100
Operating Mode
Max ESR
Ω
Ω
Ω
Ω
Ω
All dimensions are in millimeters.
MAX (unless otherwise noted)


Similar Part No. - HC49SD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
RESISTANCE WELD SMD CRYSTAL
logo
Vanlong Technology Co.,...
HC49SD VANLONG-HC49SD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49SD VANLONG-HC49SD Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
More results

Similar Description - HC49SD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC49SSDLF FOX-HC49SSDLF Datasheet
176Kb / 2P
SMD Resistance Weld Crystal
HC49SDLF FOX-HC49SDLF_13 Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
FOXSDLF FOX-FOXSDLF Datasheet
350Kb / 3P
Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
Resistance Weld SMD Crystal
C4SD FOX-C4SD Datasheet
186Kb / 2P
Resistance Weld SMD Crystal
C9SD FOX-C9SD Datasheet
184Kb / 2P
Resistance Weld SMD Crystal
logo
Renesas Technology Corp
278-25-336 RENESAS-278-25-336 Datasheet
267Kb / 3P
Resistance Weld SMD Crystal
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com