Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K102J15C0GF5TL2. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K102J15C0GF5TL2.
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K102J15C0GF5TL2. Datasheet(HTML) 3 Page - Vishay Siliconix

  K102J15C0GF5TL2. Datasheet HTML 1Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 2Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 3Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 4Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 5Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 6Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 7Page - Vishay Siliconix K102J15C0GF5TL2. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
3
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING CODES
Notes
• Lead diameter is 0.5 mm
• # 5th digit is capacitance tolerance code: ± 5 % = J; ± 10 % = K
• # 13th digit is packaging code: Bulk = 3; Reel = T; Ammo = U
• # 14th digit is lead style code: L; H; K (L and H are preferred lead configuration)
• # 15th digit is lead spacing code: 2.5 mm = 2; 5.0 mm = 5
DIELECTRIC C0G
CAP.
(pF)
50 VDC
100 VDC
200 VDC
500 VDC
SMALLER SIZE
NORMAL SIZE
SMALLER SIZE
NORMAL SIZE
NORMAL SIZE
NORMAL SIZE
10
K100#10C0GF5### K100#15C0GF5### K100#10C0GH5### K100#15C0GH5###
-
-
12
K120#10C0GF5### K120#15C0GF5### K120#10C0GH5### K120#15C0GH5###
-
-
15
K150#10C0GF5### K150#15C0GF5### K150#10C0GH5### K150#15C0GH5###
-
-
18
K180#10C0GF5### K180#15C0GF5### K180#10C0GH5### K180#15C0GH5###
-
-
22
K220#10C0GF5### K220#15C0GF5### K220#10C0GH5### K220#15C0GH5###
-
-
27
K270#10C0GF5### K270#15C0GF5### K270#10C0GH5### K270#15C0GH5###
-
-
33
K330#10C0GF5### K330#15C0GF5### K330#10C0GH5### K330#15C0GH5###
K330#15C0GK5###
K330#15C0GL5##5
39
K390#10C0GF5### K390#15C0GF5### K390#10C0GH5### K390#15C0GH5###
K390#15C0GK5###
K390#15C0GL5##5
47
K470#10C0GF5### K470#15C0GF5### K470#10C0GH5### K470#15C0GH5###
K470#15C0GK5###
K470#15C0GL5##5
56
K560#10C0GF5### K560#15C0GF5### K560#10C0GH5### K560#15C0GH5###
K560#15C0GK5###
K560#15C0GL5##5
68
K680#10C0GF5### K680#15C0GF5### K680#10C0GH5### K680#15C0GH5###
K680#15C0GK5###
K680#15C0GL5##5
82
K820#10C0GF5### K820#15C0GF5### K820#10C0GH5### K820#15C0GH5###
K820#15C0GK5###
K820#15C0GL5##5
100
K101#10C0GF5### K101#15C0GF5### K101#10C0GH5### K101#15C0GH5###
K101#15C0GK5###
K101#15C0GL5##5
120
K121#10C0GF5### K121#15C0GF5### K121#10C0GH5### K121#15C0GH5###
K121#15C0GK5###
K121#15C0GL5##5
150
K151#10C0GF5### K151#15C0GF5### K151#10C0GH5### K151#15C0GH5###
K151#15C0GK5###
K151#15C0GL5##5
180
K181#10C0GF5### K181#15C0GF5### K181#10C0GH5### K181#15C0GH5###
K181#15C0GK5###
K181#15C0GL5##5
220
K221#10C0GF5### K221#15C0GF5### K221#10C0GH5### K221#15C0GH5###
K221#15C0GK5###
K221#15C0GL5##5
270
K271#10C0GF5### K271#15C0GF5### K271#10C0GH5### K271#15C0GH5###
K271#15C0GK5###
K271#15C0GL5##5
330
K331#10C0GF5### K331#15C0GF5### K331#10C0GH5### K331#15C0GH5###
K331#15C0GK5###
K331#15C0GL5##5
390
K391#10C0GF5### K391#15C0GF5### K391#10C0GH5### K391#15C0GH5###
K391#15C0GK5###
K391#15C0GL5##5
470
K471#10C0GF5### K471#15C0GF5### K471#10C0GH5### K471#15C0GH5###
K471#15C0GK5###
K471#20C0GL5##5
560
K561#10C0GF5### K561#15C0GF5### K561#10C0GH5### K561#15C0GH5###
K561#15C0GK5###
K561#20C0GL5##5
680
K681#10C0GF5### K681#15C0GF5###
-
K681#15C0GH5###
K681#15C0GK5###
K681#20C0GL5##5
820
K821#10C0GF5### K821#15C0GF5###
-
K821#15C0GH5###
K821#15C0GK5###
K821#20C0GL5##5
1000
K102#10C0GF5### K102#15C0GF5###
-
K102#20C0GH5###
K102#20C0GK5###
K102#20C0GL5##5
1200
-
K122#15C0GF5###
-
K122#20C0GH5###
K122#20C0GK5###
K122#20C0GL5##5
1500
-
K152#15C0GF5###
-
K152#20C0GH5###
K152#20C0GK5###
K152#20C0GL5##5
1800
-
K182#15C0GF5###
-
K182#20C0GH5###
K182#20C0GK5###
K182#20C0GL5##5
2200
-
K222#15C0GF5###
-
K222#20C0GH5###
K222#20C0GK5###
-
2700
-
K272#20C0GF5###
-
K272#20C0GH5###
K272#20C0GK5###
-
3300
-
K332#20C0GF5###
-
K332#20C0GH5###
K332#20C0GK5###
-
3900
-
K392#20C0GF5###
-
K392#20C0GH5###
K392#20C0GK5###
-
4700
-
K472#20C0GF5###
-
K472#20C0GH5###
-
-
5600
-
K562#20C0GF5###
-
K562#20C0GH5###
-
-
6800
-
K682#20C0GF5###
-
-
-
-
8200
-
K822#20C0GF5###
-
-
-
-
10 000
-
K103#20C0GF5###
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com