Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7821 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7821
Description  30V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7821 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7821 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Benefits
l Very Low RDS(on) at 4.5V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage
and Current
Applications
l High Frequency Point-of-Load
Synchronous Buck Converter for
Applications in Networking &
Computing Systems.
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
20
°C/W
RθJA
Junction-to-Ambient
fg
50
-55 to + 155
2.5
0.02
1.6
Max.
13.6
11
100
± 20
30
l Lead-Free
IRF7821
30V N-Channel MOSFET
Features
(VGS = 10V)
VDS (V) =30V
ID= 13 A
RDS(ON) < 9.1mΩ(VGS=10V)
RDS(ON) < 12.5 mΩ(VGS=4.5V)
l
l
l
l
l
Rev:2023A2
1


Similar Part No. - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
IRF7821 IRF-IRF7821 Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
logo
Texas Instruments
IRF7821 TI-IRF7821 Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
IRF7821 RICHTEK-IRF7821 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
More results

Similar Description - IRF7821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com