Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16J Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS16J
Description  Single high-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16J Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS16J Datasheet HTML 1Page - NXP Semiconductors BAS16J Datasheet HTML 2Page - NXP Semiconductors BAS16J Datasheet HTML 3Page - NXP Semiconductors BAS16J Datasheet HTML 4Page - NXP Semiconductors BAS16J Datasheet HTML 5Page - NXP Semiconductors BAS16J Datasheet HTML 6Page - NXP Semiconductors BAS16J Datasheet HTML 7Page - NXP Semiconductors BAS16J Datasheet HTML 8Page - NXP Semiconductors BAS16J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Single high-speed switching diode, encapsulated in a SOD323F (SC-90) very small and
flat lead Surface-Mounted Device (SMD) plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
BAS16J
Single high-speed switching diode
Rev. 01 — 8 March 2007
Product data sheet
I High switching speed: trr ≤ 4ns
I Low capacitance: Cd ≤ 1.5 pF
I Low leakage current
I Reverse voltage: VR ≤ 100 V
I Repetitive peak reverse voltage:
VRRM ≤ 100 V
I Very small and flat lead SMD plastic
package
I Excellent coplanarity and improved
thermal behavior
I High-speed switching
I Voltage clamping
I General-purpose switching
I Reverse polarity protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] -
-
250
mA
IR
reverse current
VR = 75 V
--1
µA
VR
reverse voltage
-
-
100
V
trr
reverse recovery time
[2] --4
ns


Similar Part No. - BAS16J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16J NXP-BAS16J Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16J NXP-BAS16J Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16J NXP-BAS16J Datasheet
150Kb / 20P
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS16J NXP-BAS16J Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16J NXP-BAS16J Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS16J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21J NXP-BAS21J Datasheet
59Kb / 10P
Single high-speed switching diode
Rev. 01 - 8 March 2007
PMBD914 NXP-PMBD914 Datasheet
66Kb / 10P
Single high-speed switching diode
Rev. 05-26 November 2007
PMBD914 NXP-PMBD914_09 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
Single high-speed switching diode
Rev. 1-12 October 2010
BAS16LD PHILIPS-BAS16LD_15 Datasheet
270Kb / 11P
Single high-speed switching diode
Rev. 1-12 October 2010
PMBD914 PHILIPS-PMBD914_15 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
logo
Nexperia B.V. All right...
BAS16QA NEXPERIA-BAS16QA Datasheet
691Kb / 12P
Single high-speed switching diode
BAS21J NEXPERIA-BAS21J Datasheet
551Kb / 10P
Single high-speed switching diode
Rev. 01 - 8 March 2007
BAS21J-Q NEXPERIA-BAS21J-Q Datasheet
184Kb / 8P
Single high-speed switching diode
11 May 2023
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
Single high-speed switching diode
Rev. 1 - 12 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com