Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70H Datasheet(PDF) 18 Page - NXP Semiconductors

Part # BAS70H
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70H Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button BAS70H Datasheet HTML 12Page - NXP Semiconductors BAS70H Datasheet HTML 13Page - NXP Semiconductors BAS70H Datasheet HTML 14Page - NXP Semiconductors BAS70H Datasheet HTML 15Page - NXP Semiconductors BAS70H Datasheet HTML 16Page - NXP Semiconductors BAS70H Datasheet HTML 17Page - NXP Semiconductors BAS70H Datasheet HTML 18Page - NXP Semiconductors BAS70H Datasheet HTML 19Page - NXP Semiconductors BAS70H Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
BAS70_1PS7XSB70_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 4 May 2006
18 of 20
Philips Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BAS70_1PS7XSB70_
SER_8
20060504
Product data sheet
-
BAS70_1PS7XSB70_
SER_7
Modifications:
• Type number BAS70XY added
• Table 9 “Packing methods”: added packing method 2 mm pitch for SOD523
• Figure 26 “Wave soldering footprint SOT363 (SC-88)”: amended
• Figure 27 “Reflow soldering footprint SOT666”: amended
• Section 12 “Legal information”: updated
BAS70_1PS7XSB70_
SER_7
20050718
Product data sheet
-
1PS76SB70_2
1PS79SB70_1
BAS70H_1
BAS70L_1
BAS70-07V_1
BAS70VV_1
BAS70W_3
BAS70-07S_4
BAS70_SERIES_6
1PS76SB70_2
20040126
Product specification
-
1PS76SB70_1
1PS79SB70_1
19980716
Product specification
-
-
BAS70H_1
20050425
Product data sheet
-
-
BAS70L_1
20030520
Product specification
-
-
BAS70-07V_1
20020117
Product specification
-
-
BAS70VV_1
20040910
Product data sheet
-
-
BAS70W_3
19990326
Product specification
-
BAS70W_2
BAS70-07S_4
20030411
Product specification
-
BAS70_07S_3
BAS70_SERIES_6
20011011
Product specification
-
BAS70_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com