Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KBV Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 2N7002KBV
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2N7002KBV Datasheet(HTML) 2 Page - Rectron Semiconductor

  2N7002KBV Datasheet HTML 1Page - Rectron Semiconductor 2N7002KBV Datasheet HTML 2Page - Rectron Semiconductor 2N7002KBV Datasheet HTML 3Page - Rectron Semiconductor 2N7002KBV Datasheet HTML 4Page - Rectron Semiconductor 2N7002KBV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TA=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
60
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
VGS=4.5V, ID=0.2A
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.5A
Forward Transconductance
gFS
VDS≥2.0V,ID=0.2A
80
-
-
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
Output Capacitance
Coss
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
-
10
nS
Reverse recovery time
rr
Turn-Off Delay Time
td(off)
-
-
VDD=50V,ID=0.5A
VGS=10V,RGEN=50Ω
-
Total Gate Charge
Qg
-
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,I S=0.3A
-
-
1.5
V
Diode Forward Current
(Note 2)
IS
-
-
0.3
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4. Guaranteed by design, not subject to production
V
1.0
-
2.5
-
-
V
Ω
-
-
5.3
Ω
-
-
5.0
mS
PF
-
-
40
PF
-
-
30
PF
-
-
10
30
-
15
nS
nS
30
-
nC
A
-
±1.0
μA
t
VGS=0V,Is=0.3A
VR=25V, dls/dt=-100A/us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com