Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE20-84MT-RJ822 Datasheet(PDF) 1 Page - Turck, Inc.

Part # SE20-84MT-RJ822
Description  Industrial Ethernet Managed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

SE20-84MT-RJ822 Datasheet(HTML) 1 Page - Turck, Inc.

  SE20-84MT-RJ822 Datasheet HTML 1Page - Turck, Inc. SE20-84MT-RJ822 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
Industrial Ethernet
Managed Switch
SE20-84MT-RJ822
Type
SE20-84MT-RJ822
ID
U3-10865
Supply voltage
24 VDC
Admissible range
10...30 VDC
Power consumption
ð
4.3 W
Transient Protection
15,000 Watts Peak
Spike Protection
5,000 Watts (10 times for 10 µs)
Voltage supply connection
Pluggable screw terminal strip
Transmission rate Ethernet
10/100 Mbps
Ethernet Compliance
IEEE 802.3 (10 Mbps Ethernet)
IEEE 802.3u (100 Mbps Ethernet)
IEEE 802.3.3 x (Full-Duplex with Flow Control)
IEEE 802.1D/w (RSTP for redundant rings)
IEEE 802.1 p (Priority Queuing - Qos, CoS, ToS/DS)
IEEE 802.1Q (VLAN for traffic segregation)
Number of Ethernet ports
8 ports
Connection technology Ethernet
8 × RJ45
Web server
Default 192.168.0.1
MAC Addresses
2048
Memory bandwidth
3.2 Gbps
Latency (typical)
@100 Mbps: 5 µs + frame time; @10 Mbps: 16 µs +
frame time
Electrical isolation
1500 VRMS 1 minute
Electromagnetic compatibility (EMC)
FCC part 15, ICES-003, EN6100-6-4,
IEC61000-6-2, CE
Dimensions
38.1 x 82.8 x 101.6 mm
Weight
455 g
Ambient temperature
-40…+75 °C
Storage temperature
-40…+85 °C
Relative humidity
5 to 95% (non-condensing)
Vibration test
Acc. to IEC 60068-2-6
Protection class
IP20
Mounting
Din-rail or direct panel mounting
Housing material
Aluminum
■ 10/100 Mbps
■ Auto-sensing, 10/100M, half/full duplex,
auto-negotiating
■ Auto cross-over, auto-polarity
■ Automatic address learning, aging and mi-
gration
■ Store and forward wire-speed switching
■ IEEE 802.3, 802.3u, 802.3x, 802.3D/w,
802.3p, 802.3Q
■ Real-Time-Ring™ or Rapid Spanning Tree
(RSTP)
■ SNMPv1 and v2 network management
■ SNMPv3 authentication & encryption for
security
■ SNMP notifications
■ IGMP for multicast filtering (snooping and
querying)
■ Broadcast and multicast storm protection
■ RMON and port mirroring
■ Security with HTTPS, SSL, SSH, SNMPv3
■ Easy configuration via web
■ 8 ports
■ Ethernet connection: shielded RJ45 sock-
ets
■ Power supply: removable screw terminal
■ Protection class: IP20
RJ45 Fieldbus
Power Supply
Functional principle
Ethernet switches can be used to simplify Eth-
ernet networks and reduce traffic. They per-
form an important role in traffic management
by forwarding messages only to the port that
needs them.


Similar Part No. - SE20-84MT-RJ822

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
SE20-84X-RJ522 TURCK-SE20-84X-RJ522 Datasheet
176Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ422-FO TURCK-SE20-84XT-RJ422-FO Datasheet
186Kb / 2P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ822 TURCK-SE20-84XT-RJ822 Datasheet
172Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
More results

Similar Description - SE20-84MT-RJ822

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com