Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC301
Description  Lighting Connector 1 Pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC301 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
24/01/13
Lighting Connector
1 Pole
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Connector, Lighting, 1 Pole
PC301
Dimensions : Millimetres
Specifications:
Housing Material
: Thermoplastic
Voltage
: 600V, 450V (VDE)
Current
: 30A, 24A (VDE)
Wire Range
: Installation side : 0.75mm2 - 2.5mm2, solder
Lighting side : 0.5mm2 - 2.5mm2, solder/strip
Stripping Length
: 9mm - 11mm/0.39" - 0.45"
Connector Mounting
: Cable
No. of Contacts
: 1
Colour
: Grey
Operating Temperature
: -30°C to +110°C


Similar Part No. - PC301

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC301 MULTICOMP-PC301 Datasheet
154Kb / 1P
Lighting Connector 1 Pole
24/01/13 V1.0
logo
P-tec Corporation
PC301-O P-TEC-PC301-O Datasheet
224Kb / 2P
PRODUCT SPECIFICATION
logo
Nihon Inter Electronics...
PC3012 NIEC-PC3012 Datasheet
213Kb / 3P
DIODE MODULE 30A/1200 to1600V
PC3012 NIEC-PC3012 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
More results

Similar Description - PC301

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIL1112SNSD25 ITT-MIL1112SNSD25 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
Solid State Lighting Connector Update
logo
List of Unclassifed Man...
NA3MDF ETC-NA3MDF Datasheet
194Kb / 1P
Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
logo
Panasonic Semiconductor
AYL111240 PANASONIC-AYL111240 Datasheet
134Kb / 6P
LED lighting connector
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
Neutrik AG
NA3M5F NEUTRIK-NA3M5F Datasheet
90Kb / 2P
3 pole XLR male - 5 pole XLR female for lighting (DMX) applications
NA3F5M NEUTRIK-NA3F5M Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR male for lighting (DMX) applications
logo
ON Semiconductor
EVBUM2705 ONSEMI-EVBUM2705 Datasheet
1Mb / 16P
Connected Lighting Platform User Manual (LIGHTING-1-GEVK)
April, 2020 ??Rev. 0
logo
EXCEL CELL ELECTRONIC C...
ETBL40 ECE-ETBL40 Datasheet
144Kb / 2P
LED Lighting SMD Connector
logo
Schneider Electric
9999SB6 SCHNEIDER-9999SB6 Datasheet
157Kb / 2P
NEMA Motor Starter and contactor, Type S, power pole module, 1 normally open, NEMA Size 0, 1, 30A lighting contactor
May 19, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com