Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL75-7 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # PL75-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 93Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 94Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 95Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 96Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 97Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 98Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 99Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 100Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
97
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
551945
COAX
_
-23
232
30
75
BELDEN
568937
COAX
-36
-27
123
16
75
BELDEN
573945
COAX
-22
-9
146
18
75
BELDEN
613948
COAX
_
-25
348
64
75
BELDEN
633938
COAX
_
*
233
40
75
BELDEN
633948
COAX
*
*
228
40
75
BELDEN
633948
COAX
_
*
228
40
75
BELDEN
643948
COAX
*
*
193
38
75
BELDEN
643948
COAX
_
*
193
32
75
BELDEN
649948
COAX
_
*
199
32
75
BELDEN
673948
COAX
*
*
146
18
75
BELDEN
1151A
COAX
-2
-013A
247
32
75
BELDEN
1152A
COAX
-41
*
280
40
75
BELDEN
1153A
COAX
*
_
387
64
75
BELDEN
1162A
TWINAX
-8
_
330
37
100
BELDEN
1163A
COAX
-6
-16
_
_
100
BELDEN
1164B
COAX
-22
-9
145
19
75
BELDEN
1167A
COAX
-22
-9
152
20
75
BELDEN
1167B
COAX
-22
-9
146
19
75
BELDEN
1168A
COAX
-141
141
37
_
BELDEN
1186A
COAX
*
*
265
32
75
BELDEN
1187A
COAX
*
*
267
32
75
BELDEN
1189A
COAX
*
*
298
40
75
BELDEN
1223A
COAX
-41
-20
275
40
75
BELDEN
1263A
COAX
*
-9
160
21
75
BELDEN
1406B
COAX
-22
-9
146
19
75
BELDEN
1407B
COAX
-22
-9
146
19
75
BELDEN
1417B
COAX
_
-9
150
18
75
BELDEN
1418B
COAX
-22
-9
150
15
75
BELDEN
1426A
COAX
-2
14
242
32
75
BELDEN
1505A
COAX
-2
-25
234
32
75
BELDEN
1505F
COAX
-2
_
242
34
75
BELDEN
1506A
COAX
*
*
201
32
75
BELDEN
1520A
COAX
-5
-4
102
12
75
BELDEN
1521A
COAX
_
-4
560
12
75
BELDEN
1522A
COAX
-36
-4
107
12
75
BELDEN
1523A
COAX
-6A
-53
400
64
75
BELDEN
1525A
COAX
-6A
TOO LARGE
404
64
75
BELDEN
1530A
COAX
-41
-20
270
40
75
BELDEN
1547A
COAX
-41
-20
275
40
75
BELDEN
1617A
COAX
-6B
TOO LARGE
407
64
75
BELDEN
1671A
COAX
-86
-3
87
20
50
BELDEN
1671J
COAX
-31
_
127
20
50
BELDEN
1672A
COAX
-86
-4
87
11
75
Note: * = Special contact factory
Cable group table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com